Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT87LPM Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMT87LPM
Description  2.7-V, SC70/TO-92/TO-92S, Analog Temperature Sensors With Class-AB Output
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT87LPM Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMT87LPM Datasheet HTML 5Page - Texas Instruments LMT87LPM Datasheet HTML 6Page - Texas Instruments LMT87LPM Datasheet HTML 7Page - Texas Instruments LMT87LPM Datasheet HTML 8Page - Texas Instruments LMT87LPM Datasheet HTML 9Page - Texas Instruments LMT87LPM Datasheet HTML 10Page - Texas Instruments LMT87LPM Datasheet HTML 11Page - Texas Instruments LMT87LPM Datasheet HTML 12Page - Texas Instruments LMT87LPM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Thermal Diodes
OUT
VDD
GND
9
LMT87, LMT87-Q1
www.ti.com
SNIS170D – JANUARY 2014 – REVISED JUNE 2017
Product Folder Links: LMT87 LMT87-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LMT87 and LMT87-Q1 are analog output temperature sensors. The electrical characteristics of the LMT87
and LMT87-Q1 are identical, so for clarity, the devices will be subsequently referred to as simply LMT87. The
temperature-sensing element is comprised of a simple base emitter junction that is forward biased by a current
source. The temperature-sensing element is then buffered by an amplifier and provided to the OUT pin. The
amplifier has a simple push-pull output stage thus providing a low impedance output source.
8.2 Functional Block Diagram
Full-Range Celsius Temperature Sensor (
−50°C to +150°C)
8.3 Feature Description
8.3.1 LMT87 Transfer Function
The output voltage of the LMT87, across the complete operating temperature range, is shown in Table 3. This
table is the reference from which the LMT87 accuracy specifications (listed in the Accuracy Characteristics
section) are determined. This table can be used, for example, in a host processor look-up table. A file containing
this data is available for download at the LMT87 product folder under Tools and Software Models.
Table 3. LMT87 Transfer Table
TEMP
(°C)
VOUT
(mV)
TEMP
(°C)
VOUT
(mV)
TEMP
(°C)
VOUT
(mV)
TEMP
(°C)
VOUT
(mV)
TEMP
(°C)
VOUT
(mV)
-50
3277
-10
2767
30
2231
70
1679
110
1115
-49
3266
-9
2754
31
2217
71
1665
111
1101
-48
3254
-8
2740
32
2204
72
1651
112
1087
-47
3243
-7
2727
33
2190
73
1637
113
1073
-46
3232
-6
2714
34
2176
74
1623
114
1058
-45
3221
-5
2700
35
2163
75
1609
115
1044
-44
3210
-4
2687
36
2149
76
1595
116
1030
-43
3199
-3
2674
37
2136
77
1581
117
1015
-42
3186
-2
2660
38
2122
78
1567
118
1001
-41
3173
-1
2647
39
2108
79
1553
119
987
-40
3160
0
2633
40
2095
80
1539
120
973
-39
3147
1
2620
41
2081
81
1525
121
958
-38
3134
2
2607
42
2067
82
1511
122
944


Similar Part No. - LMT87LPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT87LPM TI-LMT87LPM Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT87LPM TI1-LMT87LPM Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
More results

Similar Description - LMT87LPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86DCKT TI1-LMT86DCKT Datasheet
982Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86 Datasheet
1,013Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com