Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK62A2-150M00SIAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMK62A2-150M00SIAR
Description  High-Performance Low Jitter Oscillator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK62A2-150M00SIAR Datasheet(HTML) 5 Page - Texas Instruments

  LMK62A2-150M00SIAR Datasheet HTML 1Page - Texas Instruments LMK62A2-150M00SIAR Datasheet HTML 2Page - Texas Instruments LMK62A2-150M00SIAR Datasheet HTML 3Page - Texas Instruments LMK62A2-150M00SIAR Datasheet HTML 4Page - Texas Instruments LMK62A2-150M00SIAR Datasheet HTML 5Page - Texas Instruments LMK62A2-150M00SIAR Datasheet HTML 6Page - Texas Instruments LMK62A2-150M00SIAR Datasheet HTML 7Page - Texas Instruments LMK62A2-150M00SIAR Datasheet HTML 8Page - Texas Instruments LMK62A2-150M00SIAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
LMK62E2-156M, LMK62E0-156M, LMK62A2-100M, LMK62A2-150M
LMK62A2-156M, LMK62A2-200M, LMK62A2-266M
www.ti.com
SNAS691B – DECEMBER 2016 – REVISED JUNE 2017
Product Folder Links: LMK62E2-156M LMK62E0-156M LMK62A2-100M LMK62A2-150M LMK62A2-156M LMK62A2-
200M LMK62A2-266M
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
An output frequency over fOUT max spec is possible, but output swing may be less than VOD min spec.
(2)
Ensured by characterization.
6.7 LVDS Output Characteristics
(1)
VDD = 3.3 V ± 5%, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output frequency(1)
400
MHz
VOD
Output voltage swing (VOH - VOL)
(1)
300
390
480
mV
VOUT, DIFF, PP
Differential output peak-to-peak swing
2 x
|VOD|
V
VOS
Output common-mode voltage
1.2
V
tR / tF
Output rise/fall time (20% to 80%)(2)
260
350
ps
ODC
Output duty cycle(2)
45%
55%
ROUT
Differential output impedance
107
Ω
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
Measured from -150 mV to +150 mV on the differential waveform with the 300 mVpp measurement window centered on the differential
zero crossing.
(3)
Ensured by design.
(4)
Ensured by characterization.
6.8 HCSL Output Characteristics
(1)
VDD = 3.3 V ± 5%, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output frequency
400
MHz
VOH
Output high voltage
660
900
mV
VOL
Output low voltage
–100
100
mV
VCROSS
Absolute crossing voltage(2)(3)
250
475
mV
VCROSS-DELTA Variation of VCROSS
(2) (3)
0
140
mV
dV/dt
Slew rate(4)
1
3
V/ns
ODC
Output duty cycle(4)
45%
55%
6.9 OE Input Characteristics
VDD = 3.3 V ± 5%, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input high voltage
1.4
V
VIL
Input low voltage
0.6
V
IIH
Input high current
VIH = VDD
–40
40
µA
IIL
Input low current
VIL = GND
–40
40
µA
CIN
Input capacitance
2
pF
(1)
Ensured by characterization.
6.10 Frequency Tolerance Characteristics
(1)
VDD = 3.3 V ± 5%, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fT
Total frequency tolerance
LMK62X2: All output formats, frequency
bands and device junction temperature up to
105°C; includes initial freq tolerance,
temperature & supply voltage variation, solder
reflow and 5-year aging at 40°C
–50
50
ppm
LMK62X0: All output formats, frequency
bands and device junction temperature up to
105°C; includes initial freq tolerance,
temperature & supply voltage variation, solder
reflow and 5-year aging at 40°C
–25
25
ppm


Similar Part No. - LMK62A2-150M00SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK62A2-150M00SIAR TI1-LMK62A2-150M00SIAR Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
More results

Similar Description - LMK62A2-150M00SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M Datasheet
383Kb / 9P
[Old version datasheet]   LMK62XX High-Performance Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com