Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET2804TLP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ONET2804TLP
Description  Low-Power, 28-Gbps, 4-Channel Limiting TIA
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET2804TLP Datasheet(HTML) 5 Page - Texas Instruments

  ONET2804TLP Datasheet HTML 1Page - Texas Instruments ONET2804TLP Datasheet HTML 2Page - Texas Instruments ONET2804TLP Datasheet HTML 3Page - Texas Instruments ONET2804TLP Datasheet HTML 4Page - Texas Instruments ONET2804TLP Datasheet HTML 5Page - Texas Instruments ONET2804TLP Datasheet HTML 6Page - Texas Instruments ONET2804TLP Datasheet HTML 7Page - Texas Instruments ONET2804TLP Datasheet HTML 8Page - Texas Instruments ONET2804TLP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
ONET2804TLP
www.ti.com
SBAS796 – JULY 2017
Product Folder Links: ONET2804TLP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
All voltage values are with respect to network ground terminal.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage(1)
VCCIx, VCCOx
–0.3
4
V
Voltage(1)
FILTERx, OUTx+, OUTx–, RSSIx, SCL, SDA, I2CENA, ICC_ADJ,
AMPL, RATE, GAIN, TRSH, ADR1, ADR0, and NRESET
–0.3
4
V
Average input current
INx
–0.7
5
mA
FILTERx
–8
8
mA
Continuous current at outputs
OUTx+, OUTx–
–8
8
mA
Maximum junction temperature, TJ
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per
ANSI/ESDA/JEDEC JS-001(1)
All pins except INx
±1000
V
INx pins
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.8
3.3
3.47
V
I(INx)
Average input current
2.7
mA
TA
Operating backside die temperature
–40
100
°C
L(FILTER), L(IN)
Wire-bond inductance at the FILTERx and INx pins
0.3
nH
C(PD)
Photodiode capacitance
0.1
pF
VIH
Digital input high voltage
SDA, SCL
2
V
VIL
Digital input low voltage
SDA, SCL
0.8
V
3-state input high voltage
VCC – 0.4
V
3-state input low voltage
0.4
V


Similar Part No. - ONET2804TLP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2804T TI1-ONET2804T Datasheet
518Kb / 6P
[Old version datasheet]   28 Gbps 4-Channel Limiting TIA
ONET2804TY TI1-ONET2804TY Datasheet
518Kb / 6P
[Old version datasheet]   28 Gbps 4-Channel Limiting TIA
More results

Similar Description - ONET2804TLP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2804T TI1-ONET2804T Datasheet
518Kb / 6P
[Old version datasheet]   28 Gbps 4-Channel Limiting TIA
logo
M/A-COM Technology Solu...
02020-DSH-001-F MA-COM-02020-DSH-001-F Datasheet
300Kb / 15P
   4 Gbps CMOS TIA with AGC
logo
Texas Instruments
DS280BR810 TI1-DS280BR810 Datasheet
890Kb / 11P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
logo
Integrated Device Techn...
HXT8204 IDT-HXT8204 Datasheet
253Kb / 2P
   4 Channel 28 Gbps VCSEL Driver
logo
Texas Instruments
DS280BR820 TI1-DS280BR820 Datasheet
633Kb / 8P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
DS280MB810 TI1-DS280MB810 Datasheet
880Kb / 13P
[Old version datasheet]   Low Power 28 Gbps 8 Channel Linear Repeater
logo
Analog Devices
ADN2820 AD-ADN2820 Datasheet
786Kb / 12P
   10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter
REV. 0
logo
Renesas Technology Corp
NR4211TH RENESAS-NR4211TH Datasheet
772Kb / 8P
   RECEIVER (Limiting TIA, with DCA function)
Sep 13, 2012
logo
List of Unclassifed Man...
XPD0250CT-003 ETC2-XPD0250CT-003 Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
logo
Analog Devices
ADN2820 AD-ADN2820_15 Datasheet
805Kb / 12P
   10.7 Gbps, 3.3 V, Low Noise, TIA with Average Power Monitor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com