Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR23630 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23630
Description  SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23630 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMR23630 Datasheet HTML 4Page - Texas Instruments LMR23630 Datasheet HTML 5Page - Texas Instruments LMR23630 Datasheet HTML 6Page - Texas Instruments LMR23630 Datasheet HTML 7Page - Texas Instruments LMR23630 Datasheet HTML 8Page - Texas Instruments LMR23630 Datasheet HTML 9Page - Texas Instruments LMR23630 Datasheet HTML 10Page - Texas Instruments LMR23630 Datasheet HTML 11Page - Texas Instruments LMR23630 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
LMR23630
SNVSAH2C – DECEMBER 2015 – REVISED JUNE 2017
www.ti.com
Product Folder Links: LMR23630
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
Ensured by design.
7.6 Timing Requirements
Over the recommended operating junction temperature range of –40°C to +125°C (unless otherwise noted)
MIN
NOM
MAX
UNIT
HICCUP MODE
NOC
(1)
Number of cycles that LS current
limit is tripped to enter hiccup
mode
64
Cycles
TOC
Hiccup retry delay time
SOIC package
5
ms
WSON package
10
SOFT START
TSS
Internal soft-start time
SOIC package, the time of internal
reference to increase from 0 V to 1 V
2
ms
WSON package, the time of internal
reference to increase from 0 V to 1 V
6
ms
POWER GOOD
TPGOOD_RISE
Power-good flag rising transition
deglitch delay
150
μs
TPGOOD_FALL
Power-good flag falling transition
deglitch delay
18
μs
(1)
Ensured by design.
7.7 Switching Characteristics
Over the recommended operating junction temperature range of –40°C to +125°C (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
SW (SW PIN)
TON_MIN
Minimum turnon time
SOIC package
60
ns
WSON package
60
90
ns
TOFF_MIN
(1)
Minimum turnoff time
100
ns
OSCILLATOR (RT and EN/SYNC PIN)
fSW_DEFAULT
Oscillator default frequency
Fixed frequency version or RT pin
open circuit
340
400
460
kHz
fADJ
Minimum adjustable frequency
RT = 198 kΩ with 1% accuracy
150
200
250
kHz
Maximum adjustable frequency
RT = 17.8 kΩ with 1% accuracy
1750
2150
2425
kHz
fSYNC
SYNC frequency range
200
2200
kHz
VSYNC
Amplitude of SYNC clock AC
signal (measured at SYNC pin)
2.8
5.5
V
TSYNC_MIN
Minimum sync clock ON-time
and OFF-time
100
ns


Similar Part No. - LMR23630

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
More results

Similar Description - LMR23630

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com