Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK60E0-212M Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMK60E0-212M
Description  High-Performance Low Jitter Oscillator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK60E0-212M Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMK60E0-212M Datasheet HTML 3Page - Texas Instruments LMK60E0-212M Datasheet HTML 4Page - Texas Instruments LMK60E0-212M Datasheet HTML 5Page - Texas Instruments LMK60E0-212M Datasheet HTML 6Page - Texas Instruments LMK60E0-212M Datasheet HTML 7Page - Texas Instruments LMK60E0-212M Datasheet HTML 8Page - Texas Instruments LMK60E0-212M Datasheet HTML 9Page - Texas Instruments LMK60E0-212M Datasheet HTML 10Page - Texas Instruments LMK60E0-212M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LMK60XX
LVPECL
150
150
Balun/
Buffer
Phase Noise/
Spectrum
Analyzer
LMK60XX
HCSL
50
50
Oscilloscope
High impedance differential probe
LMK60XX
LVDS
Oscilloscope
High impedance differential probe
LMK60XX
LVPECL
150
150
Oscilloscope
High impedance differential probe
7
LMK60E2-156M, LMK60E0-156M, LMK60E0-212M
www.ti.com
SNAS718A – DECEMBER 2016 – REVISED JUNE 2017
Product Folder Links: LMK60E2-156M LMK60E0-156M LMK60E0-212M
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Also compatible with 85 Ω termination
7 Parameter Measurement Information
7.1 Device Output Configurations
Figure 1. LVPECL Output DC Configuration During Device Test
Figure 2. LVDS Output DC Configuration During Device Test
Figure 3. HCSL Output DC Configuration During Device Test (1)
Figure 4. LVPECL Output AC Configuration During Device Test


Similar Part No. - LMK60E0-212M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK60E0-212M TI1-LMK60E0-212M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E0-212M TI1-LMK60E0-212M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E0-212M50SIAR TI1-LMK60E0-212M50SIAR Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E0-212M50SIAR TI1-LMK60E0-212M50SIAR Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E0-212M50SIAT TI1-LMK60E0-212M50SIAT Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
More results

Similar Description - LMK60E0-212M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M Datasheet
383Kb / 9P
[Old version datasheet]   LMK62XX High-Performance Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com