Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6644-MIL Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6644-MIL
Description  Low-Power, 130-MHz, 75-mA Rail-to-Rail Output Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6644-MIL Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6644-MIL Datasheet HTML 6Page - Texas Instruments LMH6644-MIL Datasheet HTML 7Page - Texas Instruments LMH6644-MIL Datasheet HTML 8Page - Texas Instruments LMH6644-MIL Datasheet HTML 9Page - Texas Instruments LMH6644-MIL Datasheet HTML 10Page - Texas Instruments LMH6644-MIL Datasheet HTML 11Page - Texas Instruments LMH6644-MIL Datasheet HTML 12Page - Texas Instruments LMH6644-MIL Datasheet HTML 13Page - Texas Instruments LMH6644-MIL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
LMH6644-MIL
SNOSD65 – JUNE 2017
www.ti.com
Product Folder Links: LMH6644-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
All limits are ensured by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm.
(3)
Slew rate is the average of the rising and falling slew rates.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes by the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
7.7 ±5-V Electrical Characteristics
Unless otherwise specified, all limits ensured for V
+ = 5 V, V= –5 V, V
CM = VO = 0 V, VID (input differential voltage) as noted
(where applicable) and RL = 2 kΩ to ground
PARAMETER
TEST CONDITIONS
AT TEMPERATURE
EXTREMES
V+ = 5 V, V= –5 V,
VCM = VO = 0 V, VID
UNIT
MIN
TYP
MAX
MIN(1)
TYP(2)
MAX(1)
BW
–3-dB BW
AV = +1, VOUT = 200mVPP
95
130
MHz
AV = +2, –1, VOUT = 200mVPP
46
BW0.1dB
0.1-dB gain
flatness
AV = +2, RL = 150Ω to V+/2,
Rf = 806Ω, VOUT = 200mVPP
12
MHz
PBW
Full power
bandwidth
AV = +1, –1dB, VOUT = 2VPP
24
MHz
en
Input-referred
voltage noise
f = 100kHz
17
nV/
√Hz
f = 1kHz
48
in
Input-referred
current noise
f = 100kHz
0.90
pA/
√Hz
f = 1kHz
3.3
THD
Total harmonic
distortion
f = 5MHz, VO = 2VPP, AV = +2
–62
dBc
DG
Differential gain
NTSC, AV = +2
RL = 150Ω to V
+/2
0.15%
RL = 1kΩ to V
+/2
0.01%
DP
Differential
phase
NTSC, AV = +2
RL = 150Ω to V
+/2
0.04
deg
RL = 1kΩ to V
+/2
0.01
CT Rej.
Cross-talk
rejection
f = 5MHz, receiver:
Rf = Rg = 510Ω, AV = +2
47
dB
TS
Settling time
VO = 2VPP, ±0.1%, 8pF Load,
VS = 5V
68
ns
SR
Slew rate (3)
AV = –1, VI = 2VPP
100
135
V/µs
VOS
Input offset
voltage
±7
±1
±5
mV
TC VOS
Input offset
average drift
See (4)
±5
µV/°C
IB
Input bias
current
See (5)
–3.25
–1.60
–2.60
µA
IOS
Input offset
current
1000
20
800
nA
RIN
Common-mode
input resistance
3
M
CIN
Common-mode
input
capacitance
2
pF
CMVR
Input common-
mode voltage
range
CMRR
≥ 50dB
–5.1
–5.5
–5.2
V
3.6
3.8
4.0
CMRR
Common-mode
rejection ratio
VCM Stepped from –5V to 3.5V
74
95
dB


Similar Part No. - LMH6644-MIL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6644 NSC-LMH6644 Datasheet
955Kb / 22P
   3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6644 TI-LMH6644 Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644 TI-LMH6644 Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644 TI-LMH6644 Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644 TI1-LMH6644 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6644-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6643Q-Q1 TI1-LMH6643Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642 TI1-LMH6642_16 Datasheet
1Mb / 39P
[Old version datasheet]   LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
LMH6642Q-Q1 TI-LMH6642Q-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LMH6642Q/LMH6643Q Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6618 NSC-LMH6618 Datasheet
1Mb / 26P
   130 MHz, 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown
logo
ON Semiconductor
NCS2005 ONSEMI-NCS2005_16 Datasheet
458Kb / 10P
   Operational Amplifier, Low Power, 8 MHz GBW Rail-to-Rail Input-Output
January, 2016 ??Rev. 1
NCS2005 ONSEMI-NCS2005 Datasheet
481Kb / 10P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
October, 2015 ??Rev. 0
logo
Texas Instruments
OPA863 TI-OPA863_V03 Datasheet
3Mb / 46P
[Old version datasheet]   OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
APRIL 2022
OPA863 TI-OPA863_V04 Datasheet
2Mb / 45P
[Old version datasheet]   OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
REVISED AUGUST 2022
OPA863 TI-OPA863_V02 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com