Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM741H Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM741H
Description  Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM741H Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM741H Datasheet HTML 4Page - Texas Instruments LM741H Datasheet HTML 5Page - Texas Instruments LM741H Datasheet HTML 6Page - Texas Instruments LM741H Datasheet HTML 7Page - Texas Instruments LM741H Datasheet HTML 8Page - Texas Instruments LM741H Datasheet HTML 9Page - Texas Instruments LM741H Datasheet HTML 10Page - Texas Instruments LM741H Datasheet HTML 11Page - Texas Instruments LM741H Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
OFFSET_NULL
INVERTING_INPUT
LM741-MIL
NON-INVERTING_INPUT
V
±
1
2
3
4
NC
V+
OUTPUT
OFFSET_NULL
8
7
6
5
R2
4.7
R1
4.7
+VSUPPLY
VINPUT
±VSUPPLY
VOUT
Copyright © 2017, Texas Instruments Incorporated
8
LM741-MIL
SNOSD62 – JUNE 2017
www.ti.com
Product Folder Links: LM741-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM741-MIL is a general-purpose amplifier than can be used in a variety of applications and configurations.
One common configuration is in a non-inverting amplifier configuration. In this configuration, the output signal is
in phase with the input (not inverted as in the inverting amplifier configuration), the input impedance of the
amplifier is high, and the output impedance is low. The characteristics of the input and output impedance is
beneficial for applications that require isolation between the input and output. No significant loading will occur
from the previous stage before the amplifier. The gain of the system is set accordingly so the output signal is a
factor larger than the input signal.
8.2 Typical Application
Figure 1. LM741-MIL Noninverting Amplifier Circuit
8.2.1 Design Requirements
As shown in Figure 1, the signal is applied to the noninverting input of the LM741-MIL. The gain of the system is
determined by the feedback resistor and input resistor connected to the inverting input. The gain can be
calculated by Equation 1:
Gain = 1 + (R2/R1)
(1)
The gain is set to 2 for this application. R1 and R2 are 4.7-kΩ resistors with 5% tolerance.
8.2.2 Detailed Design Procedure
The LM741-MIL can be operated in either single supply or dual supply. This application is configured for dual
supply with the supply rails at ±15 V. The input signal is connected to a function generator. A 1-VPP, 10-kHz sine
wave was used as the signal input. 5% tolerance resistors were used, but if the application requires an accurate
gain response, use 1% tolerance resistors.
8.2.3 Application Curve
The waveforms in Figure 2 show the input and output signals of the LM741-MIL non-inverting amplifier circuit.
The blue waveform (top) shows the input signal, while the red waveform (bottom) shows the output signal. The
input signal is 1.06 VP-P and the output signal is 1.94 VP-P. With the 4.7-kΩ resistors, the theoretical gain of the
system is 2. Due to the 5% tolerance, the gain of the system including the tolerance is 1.992. The gain of the
system when measured from the mean amplitude values on the oscilloscope was 1.83.


Similar Part No. - LM741H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM741H NSC-LM741H Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
logo
Texas Instruments
LM741H TI1-LM741H Datasheet
365Kb / 11P
[Old version datasheet]   LM741 Operational Amplifier
LM741H TI1-LM741H Datasheet
300Kb / 11P
[Old version datasheet]   LM741QML Operational Amplifier
LM741H TI1-LM741H Datasheet
815Kb / 18P
[Old version datasheet]   Operational Amplifier
LM741H/883 TI1-LM741H/883 Datasheet
651Kb / 11P
[Old version datasheet]   LM741QML Operational Amplifier
More results

Similar Description - LM741H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com