Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM555-MWC Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM555-MWC
Description  LM555-MIL Timer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM555-MWC Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM555-MWC Datasheet HTML 7Page - Texas Instruments LM555-MWC Datasheet HTML 8Page - Texas Instruments LM555-MWC Datasheet HTML 9Page - Texas Instruments LM555-MWC Datasheet HTML 10Page - Texas Instruments LM555-MWC Datasheet HTML 11Page - Texas Instruments LM555-MWC Datasheet HTML 12Page - Texas Instruments LM555-MWC Datasheet HTML 13Page - Texas Instruments LM555-MWC Datasheet HTML 14Page - Texas Instruments LM555-MWC Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
LM555-MIL
www.ti.com
SNAS745 – JUNE 2017
Product Folder Links: LM555-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
VCC = 5 V
Top Trace: Output 5V/Div.
TIME = 20μs/DIV.
Bottom Trace: Capacitor Voltage 1V/Div.
RA = 3.9 kΩ
RB = 3 kΩ
C = 0.01 μF
Figure 15. Astable Waveforms
The charge time (output high) is given by:
t1 = 0.693 (RA + RB) C
(1)
And the discharge time (output low) by:
t2 = 0.693 (RB) C
(2)
Thus the total period is:
T = t1 + t2 = 0.693 (RA +2RB) C
(3)
The frequency of oscillation is:
(4)
Figure 16 may be used for quick determination of these RC values.
The duty cycle is:
(5)
Figure 16. Free Running Frequency


Similar Part No. - LM555-MWC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM555-MWC TI1-LM555-MWC Datasheet
1Mb / 25P
[Old version datasheet]   Timer
More results

Similar Description - LM555-MWC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM556-MIL TI1-LM556-MIL Datasheet
470Kb / 15P
[Old version datasheet]   LM556-MIL Dual Timer
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
   Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
   Timer
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
   Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
   Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
   Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
   Timer
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
   Timer
logo
Texas Instruments
LM555 TI1-LM555 Datasheet
1Mb / 25P
[Old version datasheet]   Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com