Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM555-MWC Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM555-MWC
Description  LM555-MIL Timer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM555-MWC Datasheet(HTML) 3 Page - Texas Instruments

  LM555-MWC Datasheet HTML 1Page - Texas Instruments LM555-MWC Datasheet HTML 2Page - Texas Instruments LM555-MWC Datasheet HTML 3Page - Texas Instruments LM555-MWC Datasheet HTML 4Page - Texas Instruments LM555-MWC Datasheet HTML 5Page - Texas Instruments LM555-MWC Datasheet HTML 6Page - Texas Instruments LM555-MWC Datasheet HTML 7Page - Texas Instruments LM555-MWC Datasheet HTML 8Page - Texas Instruments LM555-MWC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
R
R
R
GND
TRIGGER
OUTPUT
RESET
1
2
3
4
+VCC
DISCHARGE
THRESHOLD
CONTROL
VOLTAGE
8
7
6
5
COMPAR-
ATOR
COMPAR-
ATOR
FLIP FLOP
OUTPUT
STAGE
VREF (INT)
3
LM555-MIL
www.ti.com
SNAS745 – JUNE 2017
Product Folder Links: LM555-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, P, and DGK Packages
8-Pin SOIC, PDIP, and VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
5
Control
Voltage
I
Controls the threshold and trigger levels. It determines the pulse width of the output
waveform. An external voltage applied to this pin can also be used to modulate the output
waveform
7
Discharge
I
Open collector output which discharges a capacitor between intervals (in phase with output).
It toggles the output from high to low when voltage reaches 2/3 of the supply voltage
1
GND
O
Ground reference voltage
3
Output
O
Output driven waveform
4
Reset
I
Negative pulse applied to this pin to disable or reset the timer. When not used for reset
purposes, it should be connected to VCC to avoid false triggering
6
Threshold
I
Compares the voltage applied to the terminal with a reference voltage of 2/3 Vcc. The
amplitude of voltage applied to this terminal is responsible for the set state of the flip-flop
2
Trigger
I
Responsible for transition of the flip-flop from set to reset. The output of the timer depends
on the amplitude of the external trigger pulse applied to this pin.
8
V+
I
Supply voltage with respect to GND


Similar Part No. - LM555-MWC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM555-MWC TI1-LM555-MWC Datasheet
1Mb / 25P
[Old version datasheet]   Timer
More results

Similar Description - LM555-MWC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM556-MIL TI1-LM556-MIL Datasheet
470Kb / 15P
[Old version datasheet]   LM556-MIL Dual Timer
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
   Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
   Timer
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
   Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
   Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
   Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
   Timer
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
   Timer
logo
Texas Instruments
LM555 TI1-LM555 Datasheet
1Mb / 25P
[Old version datasheet]   Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com