Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILX585K Datasheet(PDF) 3 Page - Sony Corporation

Part # ILX585K
Description  pixel6line CCD Linear Sensor (Color)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX585K Datasheet(HTML) 3 Page - Sony Corporation

  ILX585K Datasheet HTML 1Page - Sony Corporation ILX585K Datasheet HTML 2Page - Sony Corporation ILX585K Datasheet HTML 3Page - Sony Corporation ILX585K Datasheet HTML 4Page - Sony Corporation ILX585K Datasheet HTML 5Page - Sony Corporation ILX585K Datasheet HTML 6Page - Sony Corporation ILX585K Datasheet HTML 7Page - Sony Corporation ILX585K Datasheet HTML 8Page - Sony Corporation ILX585K Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
ILX585K
02.07.30
Pin Description
Pin No.
Symbol
Description
φ2
φ3
φRS
VDD
VOUT-R
VOUT-G
NC
φROG-R
φROG-G
VDD
NC
φROG-B
Clock pulse input
Clock pulse input
Clock pulse input
12V power supply
Signal output (red)
Signal output (green)
NC
Clock pulse input
Clock pulse input
12V power supply
NC
Clock pulse input
Pin No.
Symbol
Description
GND
φ2
GND
SW
φ1
NC
VOUT-B
GND
φCLP
φ4
GND
Clock pulse input
GND
Switch(1200/2400dpi)
Clock pulse input
NC
Signal output (blue)
GND
Clock pulse input
Clock pulse input
Clock pulse input
Clock pulse input
13
14
15
16
17
18
19
20
21
22
23
24
1
2
3
4
5
6
7
8
9
10
11
12
φL1
φ1
Unit
V
Max.
Typ.
12
Min.
11.4
Item
VDD
Recommended Supply Voltage
Unit
pF
pF
pF
pF
Max.
Typ.
3000
10
10
20
Min.
Symbol
C
φ1, Cφ2
C
φRS
C
φROG
C
φL1, Cφ3, Cφ4
Item
Input capacity of
φ1, φ2
Input capacity of
φRS
Input capacity of
φROG
Input capacity of
φ3, φ4, φL1
ClockCharacteristics
12.6


Similar Part No. - ILX585K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX503 SONY-ILX503 Datasheet
198Kb / 15P
   2048-pixel CCD Linear Image Sensor (B/W)
ILX503A SONY-ILX503A Datasheet
198Kb / 15P
   2048-pixel CCD Linear Image Sensor (B/W)
ILX505A SONY-ILX505A Datasheet
144Kb / 14P
   2592-pixel CCD Linear Image Sensor (B/W)
ILX506 SONY-ILX506 Datasheet
134Kb / 14P
   5000-pixel CCD Linear Image Sensor (B/W)
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
   7926-pixel CCD Linear Image Sensor (B/W)
More results

Similar Description - ILX585K

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX548K SONY-ILX548K Datasheet
135Kb / 11P
   5340 pixel 횞 3 line CCD Linear Sensor (Color)
ILX558K SONY-ILX558K Datasheet
93Kb / 11P
   5340-pixel 횞 3-line CCD Linear Sensor (Color)
ILX555K SONY-ILX555K Datasheet
104Kb / 11P
   10680 pixel 횞 3 line CCD Linear Sensor (Color)
ILX734LA SONY-ILX734LA Datasheet
152Kb / 12P
   10500 X 3 pixel CCD Linear Sensor (Color)
ILX547K SONY-ILX547K Datasheet
129Kb / 11P
   2700 X 3 pixel CCD Linear Sensor (Color)
ILX734K SONY-ILX734K Datasheet
186Kb / 11P
   10500 X 3 pixel CCD Linear Sensor (Color)
ILX137K SONY-ILX137K Datasheet
121Kb / 13P
   10700-pixel x 6-line CCD Linear Sensor (Color)
ILX569K SONY-ILX569K Datasheet
113Kb / 13P
   5340-pixel x 6 line CCD Linear Sensor (Color)
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
   2700-pixel X 3 line CCD Linear Sensor (Color)
ILX535K SONY-ILX535K Datasheet
132Kb / 11P
   5300 pixel X 3 line CCD Linear Sensor (Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com