Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2013TJA04-GB Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2013TJA04-GB
Description  General Specifications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2013TJA04-GB Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2013TJA04-GB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2013TJA04-GB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2013TJA04-GB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2013TJA04-GB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2013TJA04-GB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2013TJA04-GB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2013TJA04-GB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2013TJA04-GB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2013TJA04-GB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Series M
Snap-In Mount Miniature Rockers
B65
B
www.nkkswitches.com
TYPICAL SWITCH
ORDERING EXAMPLE
1
A
Snap-in Frame
SPDT ON-NONE-ON Circuit
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2012TJW01-FC-3A-CF
Solder Lug Terminals
Silver Contacts with
6–Amp Rating
Black Bezel with
2 Round LEDs
Top LED Red
Bottom LED Green
A
Black
B
White
E
Yellow
F
Green
G
Blue
H
Gray
1
Bezel without LED
LED Colors
Bezel Colors
Optional Bezels
2
Bezel with 1 Round LED
A
Black
A
Black
1 LED
C
Red
F
Green
2 LEDs
Top LED
Bottom LED
C
Red
C
Red
E
Yellow
E
Yellow
F
Green
F
Green
Red .450” (11.43mm)
Wide Rocker
3
Bezel with 2 Round LEDs
4
Bezel with 2 Rectangular
LEDs
IMPORTANT:
Switches are supplied without UL, cULus & CSA marking unless specified.
UL, cULus & CSA recognized only when ordered with marking on the switch.
Specific models, ratings, & ordering instructions are noted on the General
Specifications page.


Similar Part No. - M2013TJA04-GB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2013TNA NKK-M2013TNA Datasheet
332Kb / 10P
   Miniature Rockers
M2013TNG NKK-M2013TNG Datasheet
332Kb / 10P
   Miniature Rockers
M2013TNW NKK-M2013TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
List of Unclassifed Man...
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
logo
Nihon Kaiheiki Industry...
M2013TYA NKK-M2013TYA Datasheet
332Kb / 10P
   Miniature Rockers
More results

Similar Description - M2013TJA04-GB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com