Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX452 Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX452
Description  Diagonal 9.04 mm (Type 1/1.8) 5.13M-Pixel CCD Image Sensor for High-Resolution Digital Still Cameras
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX452 Datasheet(HTML) 1 Page - Sony Corporation

  ICX452 Datasheet HTML 1Page - Sony Corporation ICX452 Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Diagonal 9.04 mm (Type 1/1.8) 5.13M-Pixel CCD Image Sensor
for High-Resolution Digital Still Cameras
ICX452AQ
ICX452AQF
The needs for higher pixel counts and further miniaturization are
increasing in the digital still camera market that has been
experiencing rapid and continuous growth for several years.
Sony has now developed the ICX452AQ/AQF diagonal 9.04 mm (Type
1/1.8) 5.13M-pixel CCD image sensor to respond to these needs.
The ICX452AQ/AQF takes full advantage of the latest semiconduc-
tor fabrication technologies and achieves not only the high resolu-
tion of 5M pixels, but also better sensitivity and saturation signal
level characteristics than the ICX406AQ, which shares the same
optical system size.
s
ICX452AQ: Primary color filters, DIP
ICX452AQF: Primary color filters, SOP
s
Diagonal 9.04 mm (Type 1/1.8), effective
5.13M pixels (2616H
× 1960V)
s
Three-field readout method
s
High sensitivity: 235 mV (G signal)
s
High saturation signal level: 500 mV
The ICX452AQ/AQF is a diagonal 9.04
mm (Type 1/1.8), 5.13M-pixel CCD im-
age sensor that was developed for high-
resolution digital still cameras. In conjunc-
tion with a mechanical shutter, this sensor
can acquire high-resolution images. Since
this product has the same image diagonal
as the conventional ICX406AQ, a 5M-
pixel digital still camera can be imple-
mented without changes to the lens
optical system. Table 1 lists the device
structure of the ICX452AQ/AQF and table
2 lists its imaging characteristics.
VOICE
We developed this new Type 1/1.8
5M-pixel CCD to respond to mar-
ket demands for further miniatur-
ization and higher pixel counts.
The idea behind this product is to
enable miniature digital still cam-
eras to achieve even better picture
quality. I strongly recommend that
you consider developing a digital
still camera that can take advan-
tage of the characteristics of this
device.
Extensive Lineup
Figure 1 shows Sony's digital still camera
CCD lineup. Sony supports customer
needs with its extensive product line that,
starting with the ICX202 developed in
1997, covers image sizes from Type 2/3
to Type 1/3.6 with pixel counts from
1.25M to 5M pixels. The newly-developed
ICX452AQ/AQF can be seen as both a
reduced size version of the ICX282 Type
2/3 5M-pixel sensor, and as an increased
pixel count version of the ICX406 Type
1/1.8 4M-pixel sensor. As such, Sony is
confident that it will contribute to even
further growth of the consumer digital still
camera market.
High Saturation Signal Level
To increase the dynamic range even
further, the ICX452AQ/AQF adopts the
same three-field readout system used in
the ICX432DQ/DQF. This allows the area
occupied by the photodiode in the unit
pixel to be increased over that of conven-
tional Sony products, and achieves a satu-
ration signal of 500 mV.
High Sensitivity
In addition to the fabrication technology
used for the on-chip microlenses, Sony has
optimized the lens shape and adopted thin-
film primary color filters to improve the
optical condensing characteristics. This
improved technology allows the
ICX452AQ/AQF to achieve a sensitivity
of 235 mV, despite the 2.775
µm diago-
nal unit pixel.
Timing Generator IC
Sony provides the CXD3619R drive tim-
ing generator IC, which includes vertical
and horizontal drivers. This IC supports
both high frame rate readout mode and AF
mode.


Similar Part No. - ICX452

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICX454 ETC-ICX454 Datasheet
31Kb / 2P
   Progressive Scan 2.04M-Pixel Diagonal 6.72 mm (Type 1/2.7) Digital Still Camera CCD
ICX454DQ ETC-ICX454DQ Datasheet
31Kb / 2P
   Progressive Scan 2.04M-Pixel Diagonal 6.72 mm (Type 1/2.7) Digital Still Camera CCD
ICX454DQF ETC-ICX454DQF Datasheet
31Kb / 2P
   Progressive Scan 2.04M-Pixel Diagonal 6.72 mm (Type 1/2.7) Digital Still Camera CCD
ICX456AQ ETC1-ICX456AQ Datasheet
131Kb / 2P
   High-Resolution 8.13M-Pixel Diagonal 11.07 mm (Type 2/3) Color CCD for Consumer Digital Still Cameras Supports 30 frames/s VGA Moving Picture Imaging
ICX456AQF ETC1-ICX456AQF Datasheet
131Kb / 2P
   High-Resolution 8.13M-Pixel Diagonal 11.07 mm (Type 2/3) Color CCD for Consumer Digital Still Cameras Supports 30 frames/s VGA Moving Picture Imaging
More results

Similar Description - ICX452

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICX489AQF ETC-ICX489AQF Datasheet
45Kb / 2P
   High-Resolution 7.24M-Pixel Diagonal 9.107 mm (Type 1/1.8) Color CCD for Consumer Digital Still Cameras Supports VGA Moving Picture Imaging
logo
Sony Corporation
ICX252AQF SONY-ICX252AQF Datasheet
431Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQ SONY-ICX262AQ Datasheet
424Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX262AQF SONY-ICX262AQF Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AKF SONY-ICX252AKF Datasheet
482Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AQ SONY-ICX252AQ Datasheet
427Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX274AQF SONY-ICX274AQF Datasheet
931Kb / 72P
   Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX413AQ SONY-ICX413AQ Datasheet
187Kb / 18P
   Diagonal 28.40mm (Type 1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX412AQF SONY-ICX412AQF Datasheet
347Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with a Square Pixel for Color Cameras
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com