Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX424AL Datasheet(PDF) 3 Page - Sony Corporation

Part # ICX424AL
Description  Diagonal 6mm (Type 1/3) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for B/W Cameras
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX424AL Datasheet(HTML) 3 Page - Sony Corporation

  ICX424AL Datasheet HTML 1Page - Sony Corporation ICX424AL Datasheet HTML 2Page - Sony Corporation ICX424AL Datasheet HTML 3Page - Sony Corporation ICX424AL Datasheet HTML 4Page - Sony Corporation ICX424AL Datasheet HTML 5Page - Sony Corporation ICX424AL Datasheet HTML 6Page - Sony Corporation ICX424AL Datasheet HTML 7Page - Sony Corporation ICX424AL Datasheet HTML 8Page - Sony Corporation ICX424AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
– 3 –
ICX424AL
Absolute Maximum Ratings
Item
VDD, VOUT, CGG, SUBCIR – GND
VDD, VOUT, CGG, SUBCIR –
φSUB
V
φ1, Vφ2, Vφ3 – GND
V
φ1, Vφ2, Vφ3 – φSUB
Substrate clock
φSUB – GND
Supply voltage
Clock input voltage
Voltage difference between vertical clock input pins
Voltage difference between horizongal clock input pins
H
φ1, Hφ2 – Vφ3
H
φ1, Hφ2 – GND
H
φ1, Hφ2 – φSUB
VL
φSUB
V
φ2, Vφ3 – VL
RG – GND
V
φ1, Hφ1, Hφ2, GND – VL
Storage temperature
Performance guarantee temperature
Operating temperature
–0.3 to +36
–0.3 to +18
–22 to +9
–15 to +16
to +10
to +15
to +16
–16 to +16
–10 to +15
–55 to +10
–65 to +0.3
–0.3 to +27.5
–0.3 to +20.5
–0.3 to +17.5
–30 to +80
–10 to +60
–10 to +75
V
V
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
°C
2
Ratings
Unit
Remarks
2 +24V (Max.) when clock width < 10µs, clock duty factor < 0.1%.
+16V (Max.) is guaranteed for power-on and power-off.


Similar Part No. - ICX424AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
   Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX424AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX084AL SONY-ICX084AL Datasheet
189Kb / 17P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AK SONY-ICX205AK Datasheet
304Kb / 23P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX204AL SONY-ICX204AL Datasheet
268Kb / 22P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX204AK SONY-ICX204AK Datasheet
280Kb / 23P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX084AK SONY-ICX084AK Datasheet
201Kb / 18P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
   Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX414AL SONY-ICX414AL Datasheet
278Kb / 30P
   Diagonal 8mm Progressive Scan CCD Solid-state Image Sensor with Square Pixel for EIA B/W Cameras
ICX415AL SONY-ICX415AL Datasheet
282Kb / 30P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for CCIR B/W Cameras
ICX098BL SONY-ICX098BL Datasheet
321Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX205AL SONY-ICX205AL Datasheet
298Kb / 22P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com