Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-2820-BLK Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HSMS-2820-BLK
Description  Surface Mount RF Schottky Barrier Diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-2820-BLK Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HSMS-2820-BLK Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-2820-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-2820-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-2820-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-2820-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-2820-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-2820-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS-2820-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMS-2820-BLK Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
RS is seen in a curve that droops
at high current). All Schottky
diode curves have the same slope,
but not necessarily the same
value of current for a given
voltage. This is determined by the
saturation current, IS, and is
related to the barrier height of the
diode.
Through the choice of p-type or
n-type silicon, and the selection
of metal, one can tailor the
characteristics of a Schottky
diode. Barrier height will be
altered, and at the same time CJ
and RS will be changed. In
general, very low barrier height
diodes (with high values of IS,
suitable for zero bias applica-
tions) are realized on p-type
silicon. Such diodes suffer from
higher values of RS than do the
n-type. Thus, p-type diodes are
generally reserved for detector
applications (where very high
values of RV swamp out high RS)
and n-type diodes such as the
HSMS-282x are used for mixer
applications (where high L.O.
drive levels keep RV low). DC
biased detectors and self-biased
detectors used in gain or power
control circuits.
Detector Applications
Detector circuits can be divided
into two types, large signal
(Pin > -20 dBm) and small signal
(Pin < -20 dBm). In general, the
former use resistive impedance
matching at the input to improve
flatness over frequency — this is
possible since the input signal
levels are high enough to produce
adequate output voltages without
the need for a high Q reactive
input matching network. These
circuits are self-biased (no
external DC bias) and are used
for gain and power control of
amplifiers.
Small signal detectors are used as
very low cost receivers, and
require a reactive input imped-
ance matching network to
achieve adequate sensitivity and
output voltage. Those operating
with zero bias utilize the HSMS-
285x family of detector diodes.
However, superior performance
over temperature can be achieved
with the use of 3 to 30
µA of DC
bias. Such circuits will use the
HSMS-282x family of diodes if the
operating frequency is 1.5 GHz or
lower.
Typical performance of single
diode detectors (using
HSMS-2820 or HSMS-282B) can
be seen in the transfer curves
given in Figures 7 and 8. Such
detectors can be realized either
as series or shunt circuits, as
shown in Figure 11.
DC Bias
Shunt inductor provides
video signal return
Shunt diode provides
video signal return
DC Bias
DC Biased Diodes
Zero Biased Diodes
Figure 11. Single Diode Detectors.
The series and shunt circuits can
be combined into a voltage
doubler[1], as shown in Figure 12.
The doubler offers three advan-
tages over the single diode
circuit.

The two diodes are in parallel
in the RF circuit, lowering the
input impedance and making
the design of the RF matching
network easier.

The two diodes are in series
in the output (video) circuit,
doubling the output voltage.

Some cancellation of
even-order harmonics takes
place at the input.
DC Bias
DC Biased Diodes
Zero Biased Diodes
Figure 12. Voltage Doubler.
The most compact and lowest
cost form of the doubler is
achieved when the HSMS-2822 or
HSMS-282C series pair is used.
Both the detection sensitivity and
the DC forward voltage of a
biased Schottky detector are
temperature sensitive. Where
both must be compensated over a
wide range of temperatures, the
differential detector[2] is often
used. Such a circuit requires that
the detector diode and the
reference diode exhibit identical
characteristics at all DC bias
levels and at all temperatures.
This is accomplished through the
use of two diodes in one package,
for example the HSMS-2825 in
Figure 13. In the Agilent assembly
facility, the two dice in a surface
mount package are taken from
adjacent sites on the wafer (as
illustrated in Figure 14). This
[1] Agilent Application Note 956-4, “Schottky Diode Voltage Doubler.”
[2] Raymond W. Waugh, “Designing Large-Signal Detectors for Handsets and Base
Stations,” Wireless Systems Design, Vol. 2, No. 7, July 1997, pp 42 – 48.
88759/02-5.PM6.0J
2001.04.25, 6:41 PM
Page 6
Adobe PageMaker 6.0J/PPC


Similar Part No. - HSMS-2820-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2820-BLK HP-HSMS-2820-BLK Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2820-BLKG HP-HSMS-2820-BLKG Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2820-BLKG AVAGO-HSMS-2820-BLKG Datasheet
505Kb / 15P
   Surface Mount RF Schottky Barrier
More results

Similar Description - HSMS-2820-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com