Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE15003 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE15003
Description  Integrated Circuit PIF Subsytem for TV Receiver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE15003 Datasheet(HTML) 2 Page - NTE Electronics

  NTE15003 Datasheet HTML 1Page - NTE Electronics NTE15003 Datasheet HTML 2Page - NTE Electronics NTE15003 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Recommended Supply Voltage
VCC
10.8
12.0
13.2
V
Supply Current
ICC
VCC = 12V
42
51
63
mA
Video DC Output Voltage
V12
VCC = 12V
5.2
5.5
5.8
V
AFT DC Output Voltage
V5
VCC = 12V, SW1: ON, SW2: ON
5.3
6.8
8.3
V
V6
VCC = 12V, SW1: ON, SW2: ON
5.3
6.8
8.3
V
AFC Output Offset Voltage
V5–V6
VCC = 12V, SW1: ON, SW2: ON
–1.5
0
+1.5
V
RF AGC Residual Output Voltage
V4 SAT
VCC = 12V, SW3: 2, SW4: 1
0.5
V
RF AGC Leakage Current
I4 LEAK VCC = 12V, SW3: 1, SW4: 1
1.0
µA
Video Sensitivity
VCC = 12V, V12 = 0.8VP–P,
fp = 58.75MHz, AM: 30%
50
100
220
µVrms
AGC Range
∆A (IF) VCC = 12V, fp = 58.75MHz,
V14 = 11.5V to 4.0V
60
65
dB
Sync Tip Level Voltage
VSYNC
VCC = 12V, fp = 58.75MHz
2.3
2.5
2.7
V
Maximum Input Voltage
VIN Max VCC = 12V, fp = 58.75MHz
100
120
mVrms
White Noise, Threshold Level
VW TH
VCC = 12V, fp = 58.75MHz
6.0
6.4
6.8
V
White Noise, Clamp Level
VW CL
VCC = 12V, fp = 58.75MHz
3.7
4.1
4.5
V
Black Noise, Threshold Level
VB TH
VCC = 12V, fp = 58.75MHz
1.4
1.6
1.8
V
Black Noise, Clamp Level
VB CL
VCC = 12V, fp = 58.75MHz
2.9
3.3
3.7
V
Video Frequency Response
fBW
f = 58.75MHz, Sweep Generator
4.5
5.5
MHz
Carrier Suppression
CL
SG1 = 100mVrms, SG2, SG3: OFF
40
50
dB
2nd Carrier Suppression
I2nd
SG1 = 100mVrms, SG2, SG3: OFF
40
50
dB
920kHz Carrier Beat Suppression
I920
SG1 = 100mVrms, SG2 = 32mVrms,
SG3 = 32mVrms
33
38
dB
Differential Phase
DP
3.5
5.0
deg
Differential Gain
DG
7
10
%
Input Impedance
RIN
f = 58.75MHz Between Pin1 and Pin16
3.0
4.5
6.0
k
CIN
2.0
5.0
pF
AFT Sensitivity
f = 58.75MHz
16
kHz/V
AFT Output Upper Voltage
V5, V6 U f = 58.75MHz
11.7
11.9
12.0
V
AFT Output Lower Voltage
V5, V6 L f – 58.75MHz
1.8
2.3
2.8
V
Maximum Available Current
I4 Max
0.3
mA


Similar Part No. - NTE15003

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1500 NTE-NTE1500 Datasheet
22Kb / 3P
   Integrated Circuit 7-Step LED Driver Circuit
NTE15001 NTE-NTE15001 Datasheet
27Kb / 3P
   Integrated Circuit VIF & SIF Circuit for VCR
NTE15002 NTE-NTE15002 Datasheet
21Kb / 2P
   Integrated Circuit Color TV Vertical Deflection Output Circuit
NTE15004 NTE-NTE15004 Datasheet
21Kb / 2P
   Integrated Circuit Remote Control Preamplifier
NTE15005E NTE-NTE15005E Datasheet
22Kb / 2P
   Integrated Circuit Protector
More results

Similar Description - NTE15003

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1775 NTE-NTE1775 Datasheet
25Kb / 3P
   Integrated Circuit PIF Subsytem for TV Receiver
logo
Toshiba Semiconductor
TA1290FN TOSHIBA-TA1290FN_01 Datasheet
214Kb / 13P
   PIF IC FOR TV
TA1290FN TOSHIBA-TA1290FN Datasheet
404Kb / 13P
   PIF IC FOR TV
TA8712N TOSHIBA-TA8712N Datasheet
521Kb / 12P
   PIF QIF SYSTEM FOR TV
logo
NTE Electronics
NTE1738 NTE-NTE1738 Datasheet
24Kb / 3P
   Integrated Circuit TV Remote Control Receiver
logo
Samsung semiconductor
KSC1188 SAMSUNG-KSC1188 Datasheet
73Kb / 2P
   NPN (TV PIF AMPLIFIER)
logo
Fujitsu Component Limit...
F811CPL FUJITSU-F811CPL Datasheet
89Kb / 5P
   IF Filter for TV(PIFSIF)
logo
Toshiba Semiconductor
TA8700AN TOSHIBA-TA8700AN Datasheet
540Kb / 16P
   PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N Datasheet
838Kb / 21P
   PLL PIF/SIF IC FOR TV/VTR
TA8800N TOSHIBA-TA8800N_01 Datasheet
857Kb / 22P
   PLL PIF/SIF IC FOR TV/VTR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com