Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGGP25F070060A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # AGGP25F070060A
Description   25mm Two Stage GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AGGP25F070060A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  AGGP25F070060A Datasheet HTML 1Page - Taoglas antenna solutions AGGP25F070060A Datasheet HTML 2Page - Taoglas antenna solutions AGGP25F070060A Datasheet HTML 3Page - Taoglas antenna solutions AGGP25F070060A Datasheet HTML 4Page - Taoglas antenna solutions AGGP25F070060A Datasheet HTML 5Page - Taoglas antenna solutions AGGP25F070060A Datasheet HTML 6Page - Taoglas antenna solutions AGGP25F070060A Datasheet HTML 7Page - Taoglas antenna solutions AGGP25F070060A Datasheet HTML 8Page - Taoglas antenna solutions AGGP25F070060A Datasheet HTML 9Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SPE-12-8-015/B/SS
Page 2 of 9
1. Introduction
The AGGP.25F GPS/GLONASS/GALILEO GNSS active patch antenna (along with the
AGGP.35 model) is the best choice to use as an embedded antenna with the latest
generation of GPS/GLONASS/GALILEO GNSS receivers. It utliizes a 25.1*25.1*4mm
advanced wide-band ceramic patch antenna with optimized gain, radiation patttern and
axial ratio at GPS, GLONASS and GALILEO centre frequencies.
The AGGP.25F aslo includes a two stage LNA and a front-end SAW filter to reduce out of
band noise such as from nearby cellular transceiver, and improve probability of the
wireless device passing radiated spurious emissions certification. Produced in TS16949
automotive quality approved facility and 100% tested for gain (S21), return loss (S11) to
ensure total consistency of performance.
Cable type, length and connectors can be customized and samples offered according to
requirement, subject to minimum order quantities in production. Taoglas also offers
custom tuning service based on minimum order quantities, contact your local regional
sales office for details.
The AGGP.25F consists of 2 functional blocks – the LNA and also the patch antenna.


Similar Part No. - AGGP25F070060A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AGGP25F070060A ETC2-AGGP25F070060A Datasheet
1Mb / 11P
   25mm Two Stage GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
More results

Similar Description - AGGP25F070060A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AGGP25F070060A ETC2-AGGP25F070060A Datasheet
1Mb / 11P
   25mm Two Stage GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
AP25F070078A ETC2-AP25F070078A Datasheet
1Mb / 11P
   25mm Two Stage GPS Active Patch Antenna Module with front-end Saw Filter
logo
Taoglas antenna solutio...
AGGP35F070060A TAOGLAS-AGGP35F070060A Datasheet
893Kb / 10P
   35mm Two Stage 28dB GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
logo
List of Unclassifed Man...
AGGP35F070060A ETC2-AGGP35F070060A Datasheet
1Mb / 12P
   35mm Two Stage 28dB GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
AP25M070080A ETC2-AP25M070080A Datasheet
1Mb / 12P
   25mm One Stage GPS Active Patch Antenna Module with front-end Saw Filter
AP25E070054A ETC2-AP25E070054A Datasheet
1Mb / 11P
   25mm One Stage GPS Active Patch Antenna Module with front-end Saw Filter
logo
Taoglas antenna solutio...
AGGP.25F.07.0060A TAOGLAS-AGGP.25F.07.0060A_17 Datasheet
767Kb / 9P
   25mm Two Stage GPS-GLONASS-GALILEO GNSS Active Patch
AP25M070080A TAOGLAS-AP25M070080A Datasheet
632Kb / 9P
   25mm One Stage GPS Active Patch Antenna Module with front-end Saw Fi
AGGBP25B070060A TAOGLAS-AGGBP25B070060A Datasheet
1Mb / 13P
   25x25mm Two Stage GPS-GLONASS-GALILEO-BeiDou Embedded Active Patch Antenna Module with Front-End SAW Filter
logo
List of Unclassifed Man...
AP12F070045A ETC2-AP12F070045A Datasheet
1Mb / 11P
   12mm Two Stage 25dB GPS Active Patch Antenna Module with front-end Saw Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com