Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP130CA Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # 5KP130CA
Description  Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

5KP130CA Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  5KP130CA Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 5KP130CA Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD 5KP130CA Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD 5KP130CA Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD 5KP130CA Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Transient Voltage Suppressors
Electrical Characteristics (TA=25℃)
Part Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
VBR(Volts)@IT
Test
Current
Maximum
Clamping
Voltage @IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
Unidirectional
Bidirectional
VRWM(V)
Min
Max
IT(mA)
VC(V)
IPP(A)
IR(μA)
5KP5.0A
5KP5.0CA
5.0
6.40
7.00
50
9.2
544.3
5000
5KP6.0A
5KP6.0CA
6.0
6.67
7.37
50
10.3
495.1
5000
5KP6.5A
5KP6.5CA
6.5
7.22
7.98
50
11.2
455.4
2000
5KP7.0A
5KP7.0CA
7.0
7.78
8.60
50
12.0
425.0
1000
5KP7.5A
5KP7.5CA
7.5
8.33
9.21
5
12.9
395.3
250
5KP8.0A
5KP8.0CA
8.0
8.89
9.83
5
13.6
375.0
150
5KP8.5A
5KP8.5CA
8.5
9.44
10.40
5
14.4
354.2
50
5KP9.0A
5KP9.0CA
9.0
10.00 11.10
5
15.4
331.2
20
5KP10A
5KP10CA
10.0
11.10 12.30
5
17.0
300.0
15
5KP11A
5KP11CA
11.0
12.20 13.50
5
18.2
280.2
2
5KP12A
5KP12CA
12.0
13.30 14.70
5
19.9
256.3
2
5KP13A
5KP13CA
13.0
14.40 15.90
5
21.5
237.2
2
5KP14A
5KP14CA
14.0
15.60 17.20
5
23.2
219.8
2
5KP15A
5KP15CA
15.0
16.70 18.50
5
24.4
209.0
2
5KP16A
5KP16CA
16.0
17.80 19.70
5
26.0
196.2
2
5KP17A
5KP17CA
17.0
18.90 20.90
5
27.6
184.8
2
5KP18A
5KP18CA
18.0
20.00 22.10
5
29.2
174.7
2
5KP20A
5KP20CA
20.0
22.20 24.50
5
32.4
157.4
2
5KP22A
5KP22CA
22.0
24.00 26.90
5
35.5
143.7
2
5KP24A
5KP24CA
24.0
26.70 29.50
5
38.9
131.1
2
5KP26A
5KP26CA
26.0
28.90 31.90
5
42.1
121.1
2
5KP28A
5KP28CA
28.0
31.10 34.40
5
45.4
112.3
2
5KP30A
5KP30CA
30.0
33.30 36.80
5
48.4
105.4
2
5KP33A
5KP33CA
33.0
36.70 40.60
5
53.3
95.7
2
2
Table continues on next page
HUAAN LIMITED
www.huaandz.com
sales@huaandz.com


Similar Part No. - 5KP130CA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
5KP130CA MCC-5KP130CA Datasheet
404Kb / 4P
   5000 Watt Transient Voltage Suppressors 5.0 to 250 Volts
logo
Littelfuse
5KP130CA LITTELFUSE-5KP130CA Datasheet
158Kb / 4P
   Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
logo
UN Semiconducctor INC
5KP130CA UNSEMI-5KP130CA Datasheet
4Mb / 8P
   5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shenzhen Luguang Electr...
5KP130CA LUGUANG-5KP130CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
5KP130CA LUGUANG-5KP130CA Datasheet
430Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results

Similar Description - 5KP130CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com