Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS84329 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS84329
Description  700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84329 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS84329 Datasheet HTML 6Page - Integrated Circuit Systems ICS84329 Datasheet HTML 7Page - Integrated Circuit Systems ICS84329 Datasheet HTML 8Page - Integrated Circuit Systems ICS84329 Datasheet HTML 9Page - Integrated Circuit Systems ICS84329 Datasheet HTML 10Page - Integrated Circuit Systems ICS84329 Datasheet HTML 11Page - Integrated Circuit Systems ICS84329 Datasheet HTML 12Page - Integrated Circuit Systems ICS84329 Datasheet HTML 13Page - Integrated Circuit Systems ICS84329 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
84329AV
www.icst.com/products/hiperclocks.html
REV. D DECEMBER 15, 2004
10
Integrated
Circuit
Systems, Inc.
ICS84329
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V
DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
The ICS84329 features an internal oscillator that uses an external
quartz crystal as the source of its reference frequency. The
oscillator is a series resonant, multi-vibrator type design. This
design provides better stability and eliminates the need for large
on chip capacitors.Though a series resonant crystal is preferred,
a parallel resonant crystal can be used. A parallel resonant mode
crystal used in a series resonant circuit will exhibit a frequency
of oscillation a few hundred ppm lower than specified. A few
hundred ppm translates to KHz inaccuracy. In general computing
applications, this level of inaccuracy is irrelevant. If better ppm
accuracy is required, an external capacitor can be added to a
quartz crystal in series to XTAL_IN.
Figure 5A shows how to
interface with a crystal.
Figures 5A and 5B show various crystal parameters which are
recommended only as guidelines.
Figure 5A shows how to inter-
face a capacitor with a parallel resonant crystal.
Figure 5B shows
the capacitor value needed for the optimum ppm performance
over various series resonant crystal frequencies. For IA64/32
platforms which required a Raltron Parallel Resonant Quartz
crystal part #AS-16.66-18-SMD-T-M1, a 7pF series capacitor can
be used to better the ppm accuracy.
FIGURE 5A. CRYSTAL INTERFACE
NOTE: For crystal frequencies higher than 17MHz,
a series tuning capacitor is required for proper operation.
XTAL_OUT
XTAL_IN
ICS84329
FIGURE 5B. Recommended tuning capacitance for various series
resonant crystals.
CRYSTAL INPUT AND OSCILLATOR INTERFACE
10.000
14.318
12.000
24.000
20.000
16.000
0
5
10
15
20
25
30
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Series Resonant Crystal Frequency (MHz)


Similar Part No. - ICS84329

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS84329-01B ICST-ICS84329-01B Datasheet
270Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS84329A01L IDT-ICS84329A01L Datasheet
504Kb / 20P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84329AM-01LF IDT-ICS84329AM-01LF Datasheet
504Kb / 20P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS84329

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329-01 RENESAS-84329-01 Datasheet
836Kb / 21P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
logo
Integrated Circuit Syst...
ICS84329-01B ICST-ICS84329-01B Datasheet
270Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-02 ICST-ICS84330-02 Datasheet
226Kb / 17P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-03 ICST-ICS84330-03 Datasheet
248Kb / 20P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330 ICST-ICS84330 Datasheet
368Kb / 19P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-01 ICST-ICS84330-01 Datasheet
242Kb / 15P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84330B-03 RENESAS-84330B-03 Datasheet
578Kb / 24P
   700MHz, Low Jitter, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
January 15, 2016
logo
Integrated Device Techn...
84329-01 IDT-84329-01_14 Datasheet
504Kb / 20P
   700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com