Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP13CA Datasheet(PDF) 3 Page - HuaXinAn Electronics CO.,LTD

Part # 5KP13CA
Description  Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

5KP13CA Datasheet(HTML) 3 Page - HuaXinAn Electronics CO.,LTD

  5KP13CA Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 5KP13CA Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD 5KP13CA Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD 5KP13CA Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD 5KP13CA Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Part Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
VBR(Volts)@IT
Test
Curre
nt
Maximum
Clamping
Voltage @IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
Unidirectional
Bidirectional
VRWM(V)
Min
Max
IT(mA)
VC(V)
IPP(A)
IR(μA)
5KP36A
5KP36CA
36.0
40.00
44.20
5
58.1
87.8
2
5KP40A
5KP40CA
40.0
44.40
49.10
5
64.5
79.1
2
5KP43A
5KP43CA
43.0
47.80
52.80
5
69.4
73.5
2
5KP45A
5KP45CA
45.0
50.00
55.30
5
72.7
70.2
2
5KP48A
5KP48CA
48.0
53.30
58.90
5
77.4
65.9
2
5KP51A
5KP51CA
51.0
56.70
62.70
5
82.4
61.9
2
5KP54A
5KP54CA
54.0
60.00
66.30
5
87.1
58.6
2
5KP58A
5KP58CA
58.0
64.40
71.20
5
93.6
54.5
2
5KP60A
5KP60CA
60.0
66.70
73.70
5
96.8
52.7
2
5KP64A
5KP64CA
64.0
71.10
78.60
5
103.0
49.5
2
5KP70A
5KP70CA
70.0
77.80
86.00
5
113.0
45.1
2
5KP75A
5KP75CA
75.0
83.30
92.10
5
121.0
42.1
2
5KP78A
5KP78CA
78.0
86.70
95.80
5
126.0
40.5
2
5KP85A
5KP85CA
85.0
94.40
104.00
5
137.0
37.2
2
5KP90A
5KP90CA
90.0
100.00
111.00
5
146.0
34.9
2
5KP100A
5KP100CA
100.0
110.00
123.00
5
162.0
31.5
2
5KP110A
5KP110CA
110.0
122.00
135.00
5
177.0
28.8
2
5KP120A
5KP120CA
120.0
133.00
147.00
5
193.0
26.4
2
5KP130A
5KP130CA
130.0
144.00
159.00
5
209.0
24.4
2
5KP150A
5KP150CA
150.0
167.00
185.00
5
243.0
21.0
2
5KP160A
5KP160CA
160.0
178.00
197.00
5
259.0
19.7
2
5KP170A
5KP170CA
170.0
189.00
209.00
5
275.0
18.5
2
5KP180A
5KP180CA
180.0
200.00
221.00
5
292.0
17.5
2
5KP190A
5KP190CA
190.0
211.00
233.00
5
310.0
16.5
2
5KP200A
5KP200CA
200.0
222.00
246.00
5
329.2
15.5
2
5KP210A
5KP210CA
210.0
233.00
258.00
5
349.5
14.6
2
5KP220A
5KP220CA
220.0
244.00
270.00
5
371.1
13.7
2
5KP250A
5KP250CA
250.0
277.00
306.00
5
425.0
12.0
2
3
HUAAN LIMITED
www.huaandz.com
sales@huaandz.com


Similar Part No. - 5KP13CA

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP13CA SURGE-5KP13CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP13CA LUGUANG-5KP13CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
CHENG-YI ELECTRONIC CO....
5KP13CA CHENG-YI-5KP13CA Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
5KP13CA SECOS-5KP13CA Datasheet
281Kb / 4P
   Voltage 5.0V ~ 250V 5000W Peak Power TVS
logo
Shenzhen Luguang Electr...
5KP13CA LUGUANG-5KP13CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results

Similar Description - 5KP13CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com