Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H2R8-3000L Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # H2R8-3000L
Description  2-Electrode Gas Discharge Tubes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

H2R8-3000L Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  H2R8-3000L Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD H2R8-3000L Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(Ø8x6mm)
5 Electrical Characteristics
continued
Part Number
DC
Spark-over
Voltage
@ 100V/S
Impulse
Spark-over
Voltage
@100V/
μs
Impulse
Spark-over
Voltage
@1KV/
μs
Insulation
Resistance
Impulse discharge
current(
8/20
μs)
AC discharge
current
(50Hz,1s,10ti
mes)
Capacit
ance
(1MHz
)
V
V
V
10 Times
A
PF
H2R8-3600L
3600±20%
<4500
≤ 4700
>1
3KA
3
≤1
H2R8-4000L
4000±20%
<5300
≤ 5500
>1
3KA
3
≤1
Packing Quantity : 100PCS
Specifications are subject to change without notice
sales@huaandz.com
2
HUAAN LIMITED
www.huaandz.com
Tel:+86-755-27465585


Similar Part No. - H2R8-3000L

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
H2R8-3000L HUAXINAN-H2R8-3000L Datasheet
210Kb / 2P
   3KA High Voltage,Axial Lead Wire
More results

Similar Description - H2R8-3000L

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
2C800 HUAXINAN-2C800_17 Datasheet
259Kb / 2P
   2-Electrode Gas Discharge Tubes
H2R8-75MSMD HUAXINAN-H2R8-75MSMD Datasheet
192Kb / 1P
   2-Electrode Gas Discharge Tubes
2R75C HUAXINAN-2R75C Datasheet
145Kb / 2P
   2-Electrode Gas Discharge Tubes
2R75A HUAXINAN-2R75A Datasheet
145Kb / 1P
   2-Electrode Gas Discharge Tubes
HA2R8-75ML HUAXINAN-HA2R8-75ML Datasheet
239Kb / 3P
   2-Electrode Gas Discharge Tubes
HA2R3-75SMD HUAXINAN-HA2R3-75SMD Datasheet
262Kb / 3P
   2-Electrode Gas Discharge Tubes
HA2R5-75L HUAXINAN-HA2R5-75L Datasheet
202Kb / 2P
   2-Electrode Gas Discharge Tubes
2B600D HUAXINAN-2B600D Datasheet
148Kb / 2P
   2-electrode Gas Discharge Tubes
2B800L6 HUAXINAN-2B800L6 Datasheet
145Kb / 2P
   2-electrode Gas Discharge Tubes
2B800L8 HUAXINAN-2B800L8_17 Datasheet
258Kb / 2P
   2-Electrode Gas Discharge Tubes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com