Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE47A Datasheet(PDF) 3 Page - HuaXinAn Electronics CO.,LTD

Part # 1.5KE47A
Description  Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

1.5KE47A Datasheet(HTML) 3 Page - HuaXinAn Electronics CO.,LTD

  1.5KE47A Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 1.5KE47A Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD 1.5KE47A Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD 1.5KE47A Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD 1.5KE47A Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Transient Voltage Suppressors
Electrical Characteristics (TA=25℃)
continued
Part Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
VBR(Volts)@IT
Test
Curre
nt
Maximum
Clamping
Voltage @IPP
Peak
Pulse Current
Reverse
Leakage
@VRWM
Unidirectional
Bidirectional
VRWM(V)
Min
Max
IT(mA)
VC(V)
IPP(A)
IR(μA)
1.5KE68A
1.5KE68CA
58.1
64.6
71.4
1
92
16.5
1
1.5KE75A
1.5KE75CA
64.1
71.3
78.8
1
103
14.8
1
1.5KE82A
1.5KE82CA
70.1
77.9
86.1
1
113
13.5
1
1.5KE91A
1.5KE91CA
77.8
86.5
95.5
1
125
12.2
1
1.5KE100A
1.5KE100CA
85.5
95
105
1
137
11.1
1
1.5KE110A
1.5KE110CA
94
105
116
1
152
10
1
1.5KE120A
1.5KE120CA
102
114
126
1
165
9.2
1
1.5KE130A
1.5KE130CA
111
124
137
1
179
8.5
1
1.5KE150A
1.5KE150CA
128
143
158
1
207
7.3
1
1.5KE160A
1.5KE160CA
136
152
168
1
219
6.9
1
1.5KE170A
1.5KE170CA
145
162
179
1
234
6.5
1
1.5KE180A
1.5KE180CA
154
171
189
1
246
6.2
1
1.5KE200A
1.5KE200CA
171
190
210
1
274
5.5
1
1.5KE220A
1.5KE220CA
185
209
231
1
328
4.6
1
1.5KE250A
1.5KE250CA
214
237
263
1
344
4.4
1
1.5KE300A
1.5KE300CA
256
285
315
1
414
3.7
1
1.5KE350A
1.5KE350CA
300
332
368
1
482
3.2
1
1.5KE400A
1.5KE400CA
342
380
420
1
548
2.8
1
1.5KE440A
1.5KE440CA
376
418
462
1
602
2.5
1
1.5KE480A
1.5KE480CA
408
456
504
1
658
2.3
1
1.5KE510A
1.5KE510CA
434
485
535
1
698
2.1
1
1.5KE530A
1.5KE530CA
450
503.5
556.5
1
725
2.1
1
1.5KE540A
1.5KE540CA
459
513
567
1
740
2
1
1.5KE550A
1.5KE550CA
467
522.5
577.5
1
760
2
1
Notes:For bidirectional type having VRWM of 10 volts and less, the IR limit is double.
3
HUAAN LIMITED
www.huaandz.com
sales@huaandz.com


Similar Part No. - 1.5KE47A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
1.5KE47A BILIN-1.5KE47A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
SiPower Inc.
1.5KE47A SIPOWER-1.5KE47A Datasheet
1Mb / 5P
   Transient Voltage Suppressor
logo
Transys Electronics
1.5KE47A TRSYS-1.5KE47A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
1.5KE47A RUILON-1.5KE47A Datasheet
713Kb / 7P
   Transient Voltage Suppressors
logo
Diodes Incorporated
1.5KE47A DIODES-1.5KE47A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results

Similar Description - 1.5KE47A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com