Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP11A Datasheet(PDF) 4 Page - HuaXinAn Electronics CO.,LTD

Part # 5KP11A
Description  Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

5KP11A Datasheet(HTML) 4 Page - HuaXinAn Electronics CO.,LTD

  5KP11A Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 5KP11A Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD 5KP11A Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD 5KP11A Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD 5KP11A Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Transient Voltage Suppressors
Description of Part Number
5KP XXX C A
5% VBR Voltage Tolerance
Bidirectional
VRWM Voltage
Series Code
Packing Options
Package Type
Description
Packing Quantity
Industry Standard
P600
Tape and Reel Pack
800PCS
EIA STD RS-296
Dimensions - P600
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.34
0.36
8.60
9.10
B
0.34
0.36
8.60
9.10
C
0.048
0.052
1.22
1.32
D
1.000
25.4
4
HUAAN LIMITED
www.huaandz.com
sales@huaandz.com


Similar Part No. - 5KP11A

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
5KP11A MERITEK-5KP11A Datasheet
253Kb / 4P
   Transient Voltage Suppressors
logo
Surge Components
5KP11A SURGE-5KP11A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Littelfuse
5KP11A LITTELFUSE-5KP11A Datasheet
980Kb / 6P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
5KP11A LUGUANG-5KP11A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Won-Top Electronics
5KP11A WTE-5KP11A Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP11A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com