Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

57RE-40500-7(D8D)-FA Datasheet(PDF) 1 Page - DDK Ltd.

Part # 57RE-40500-7(D8D)-FA
Description  Right Angle Solder Termination Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

57RE-40500-7(D8D)-FA Datasheet(HTML) 1 Page - DDK Ltd.

  57RE-40500-7(D8D)-FA Datasheet HTML 1Page - DDK Ltd. 57RE-40500-7(D8D)-FA Datasheet HTML 2Page - DDK Ltd. 57RE-40500-7(D8D)-FA Datasheet HTML 3Page - DDK Ltd. 57RE-40500-7(D8D)-FA Datasheet HTML 4Page - DDK Ltd. 57RE-40500-7(D8D)-FA Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
・57RE series is light-weight and low cost version of 57LE series to unify end disc latches with shell
and insulator with locator.
・Metalized shell for EMI Shield
・Intermatable with each 57, 57F, 57FE, 57JE series plug connectors.
・UL applied (File No. E72124)
RoHS
Compliant
RoHS
RoHS
Compliant
Compliant
Right Angle Solder Termination Connectors
57RE Series
Rated Voltage
500V AC(r.m.s.)
Rated Current
3A / Contact
Dielectric Withstanding Voltage
1200V AC(r.m.s.)at 1 minute
Insulation Resistance
1000M Ω (min.) at 500V DC
Contact Resistance
35m Ω (max.)
Operating Temperature
-55℃∼ 105℃
ITEM
MATERIAL/FINISH
Insulator
PBT Resin(UL94V-0) / Black
Shell
Steel or Brass / Ni Plating
Contact
Copper Alooy / Au over Ni Plating
Bail Lock
Stainless Steel
110627
SPECIFICATIONS
OUTLINE
MATERIAL/FINISH


Similar Part No. - 57RE-40500-7(D8D)-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57RE-40500-730B-FA DDK-57RE-40500-730B-FA Datasheet
325Kb / 5P
   Right Angle Solder Termination Connectors
57RE-40500-730BD12A-FA DDK-57RE-40500-730BD12A-FA Datasheet
325Kb / 5P
   Right Angle Solder Termination Connectors
57RE-40500-730BD12B-FA DDK-57RE-40500-730BD12B-FA Datasheet
325Kb / 5P
   Right Angle Solder Termination Connectors
57RE-40500-730BD12C-FA DDK-57RE-40500-730BD12C-FA Datasheet
325Kb / 5P
   Right Angle Solder Termination Connectors
57RE-40500-730BD12D-FA DDK-57RE-40500-730BD12D-FA Datasheet
325Kb / 5P
   Right Angle Solder Termination Connectors
More results

Similar Description - 57RE-40500-7(D8D)-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57RE DDK-57RE Datasheet
325Kb / 5P
   Right Angle Solder Termination Connectors
57GE-40360-751-FA DDK-57GE-40360-751-FA Datasheet
435Kb / 3P
   Straight Solder DIP Termination Connectors
57GE DDK-57GE Datasheet
239Kb / 5P
   Straight Solder DIP Termination Connectors
17JE DDK-17JE_2 Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
logo
Dubilier
DBCFDMSR09E3 DUBILIER-DBCFDMSR09E3 Datasheet
126Kb / 1P
   FILTERED D CONNECTORS SOLDER PIN RIGHT ANGLE
logo
DDK Ltd.
57LE DDK-57LE Datasheet
1Mb / 8P
   Right Angle Solder Dip Connectors EMI/RFI Shielding Version
logo
FCI connector
51939-259 FCI-CONNECTOR-51939-259 Datasheet
252Kb / 4P
   RIGHT ANGLE SOLDER HEADER
51939-133 FCI-CONNECTOR-51939-133 Datasheet
241Kb / 4P
   RIGHT ANGLE SOLDER HEADER
51730-119LF FCI-CONNECTOR-51730-119LF Datasheet
266Kb / 4P
   RIGHT ANGLE SOLDER HEADER
logo
Molex Electronics Ltd.
0733560190 MOLEX11-0733560190 Datasheet
53Kb / 1P
   75 Ohms, F Right-Angle Plug, Crimp, Belden 1865A, Solder Center Contact Termination
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com