Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTW-5630AZL57 Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # LTW-5630AZL57
Description  LED Middle POWER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-5630AZL57 Datasheet(HTML) 6 Page - Lite-On Technology Corporation

Back Button LTW-5630AZL57 Datasheet HTML 2Page - Lite-On Technology Corporation LTW-5630AZL57 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-5630AZL57 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-5630AZL57 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-5630AZL57 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-5630AZL57 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-5630AZL57 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-5630AZL57 Datasheet HTML 9Page - Lite-On Technology Corporation LTW-5630AZL57 Datasheet HTML 10Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
06
LED Middle POWER
5630AZLxx Series
BNC-OD-C131/A4
Created Date: 03/01/2013
Revision:
7, 06/06/2014
4.2 Forward Current vs. Lumen and Voltage
Current
(mA)
VF
(V)
Lumen (lm)
2700K
3000K
3500K
4000K
5000K
5700K
6500K
20
2.76
9.2
9.8
10.0
10.2
10.0
10.1
9.9
40
2.85
18.1
19.3
19.7
20.0
19.7
20.0
19.3
60
2.93
26.6
28.3
28.8
29.3
28.8
29.2
28.2
80
3.00
34.5
36.9
37.5
38.1
37.4
38.1
36.9
100
3.06
42.4
45.1
45.9
46.7
45.9
46.7
45.0
120
3.13
50.0
53.0
54.0
55.0
54.0
55.0
53.0
140
3.19
57.0
60.5
61.6
62.9
61.7
62.8
60.6
160
3.25
64.0
68.0
69.2
70.4
69.3
70.4
68.0
180
3.31
70.4
74.9
76.2
77.7
76.3
77.6
74.9
200
3.36
76.3
81.2
82.7
84.2
82.7
84.0
81.2


Similar Part No. - LTW-5630AZL57

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-5630AZL57 LITEON-LTW-5630AZL57 Datasheet
1Mb / 28P
   LED Middle POWER
LTW-5630AZL57 LITEON-LTW-5630AZL57 Datasheet
1Mb / 28P
   LED Middle POWER
LTW-5630AZL57-EUH LITEON-LTW-5630AZL57-EUH Datasheet
836Kb / 29P
   Specific Lighting
More results

Similar Description - LTW-5630AZL57

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-3030AZL57 LITEON-LTW-3030AZL57 Datasheet
1Mb / 28P
   LED Middle POWER
LTW-5630AZL40 LITEON-LTW-5630AZL40 Datasheet
1Mb / 28P
   LED Middle POWER
logo
Everlight Electronics C...
EAPL2835YA1 EVERLIGHT-EAPL2835YA1 Datasheet
845Kb / 10P
   Middle Power LED
logo
Lite-On Technology Corp...
LTW-5630AZG27 LITEON-LTW-5630AZG27 Datasheet
663Kb / 28P
   LED Middle POWER
LTW-3030AQL27 LITEON-LTW-3030AQL27 Datasheet
1Mb / 30P
   LED Middle POWER
logo
Everlight Electronics C...
EAHP2835BA2 EVERLIGHT-EAHP2835BA2 Datasheet
514Kb / 10P
   Middle Power LED
logo
Lite-On Technology Corp...
LTW-3030AZL40 LITEON-LTW-3030AZL40 Datasheet
1Mb / 28P
   LED Middle POWER
LTW-5630AZL35 LITEON-LTW-5630AZL35 Datasheet
1Mb / 28P
   LED Middle POWER
logo
Everlight Electronics C...
EAPL2835BA3 EVERLIGHT-EAPL2835BA3 Datasheet
711Kb / 10P
   Middle Power LED
EAHP2835YA1 EVERLIGHT-EAHP2835YA1 Datasheet
528Kb / 10P
   Middle Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com