Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

57RE-40360-7(D8C)-FA Datasheet(PDF) 5 Page - DDK Ltd.

Part # 57RE-40360-7(D8C)-FA
Description  Right Angle Solder Termination Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

57RE-40360-7(D8C)-FA Datasheet(HTML) 5 Page - DDK Ltd.

  57RE-40360-7(D8C)-FA Datasheet HTML 1Page - DDK Ltd. 57RE-40360-7(D8C)-FA Datasheet HTML 2Page - DDK Ltd. 57RE-40360-7(D8C)-FA Datasheet HTML 3Page - DDK Ltd. 57RE-40360-7(D8C)-FA Datasheet HTML 4Page - DDK Ltd. 57RE-40360-7(D8C)-FA Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Unit:mm
57RE Series
http://www.ddknet.co.jp
5
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○ With Threaded Board Lock / Small Bail Locks
○Panel Cut-out Dimensions & PCB Mounting Dimensions
n/2
n
+1
1
2.159
2.159
0.5
Contact No.
M3×0.5 Thread
4.2
(Dia. of Screw head)
57RE-40360-830B(D7B)-FA
FA: Lead Free
Deviation
(D7): Threaded Board Lock
    M30.5 Thread Type
Small Bail Locks
Panel Mounting Screw
No Digit: Steel Screw Attached
A: Steel Screw Assembled
B: Less Screw
Part Number
Number of
Contact
AB
C
D
E
57RE-40140- □ 30B-(D7 □ )-FA
14
44.00 36.00 25.36 12.954 35.30
57RE-40240- □ 30B(D7 □ )-FA
24
54.78 46.78 36.23 23.749 46.08
57RE-40360- □ 30B(D7 □ )-FA
36
67.74 59.74 49.05 36.703 59.04
57RE-40500- □ 30B(D7 □ )-FA
50
82.85 74.85 64.22 51.816 74.15
PCB Mounting Dimensions Thickness1.
60±0.19
B±0.1
B
+0.2
0
2.159±0.08
D±0.10
B±0.10
E
+0.2
0
Panel Cut-out Dimensions
(Front Mounting)
Thickness 1.
60(max.)
R0.
50(max.)
2ーR1.
60±0.
05
R0.
50(max.)
2ーR2.
50±0.
10
n−φ0.80±0.10
2ーφ3.
20±0.
10
2ー3.
20±0.
10
Panel Cut-out Dimensions
(Rear Mounting)
Thickness 1.
60(max.)
+0.2
0
※1:When the mating connector is 57F or 57FE series,
the size ※1 is 16.20
.
2-∅5.5 Land
n−φ0.80±0.10
B±0.10
2.159±0.08
D±0.10
2ーφ3.
20±0.
10
B±0.1
B
+0.2
0
E
+0.2
0
Panel Cut-out Dimensions
(Front Mounting)
Thickness1.
60(max.)
R0.
50(max.)
2ーR1.
60±0.
05
R0.
50(max.)
2ーR2.
50±0.
10
2ー3.
20±0.
10
Panel Cut-out Dimensions
(Rear Mounting)
Thickness 1.
60(max.)
PCB Mounting Dimensions Thickness 1.
60±0.19
+0.2
0
※1:When the mating connector is 57F or 57FE series
   the size ※1 is 16.20
.
Type 1
Type 2
Contact Plating
  7:Contact Area: Au(0.38 μ m)over Ni Plating
   Tail Area: Sn-Ag over Nickel Plating
  8:Contact Area: Au(Flash) over Ni Plating
   Tail Area: Sn-Ag over Ni Plating
Number of Contact:14, 24, 36, 50
※ Panel mounting cut-out dimensions, PCB mounting dimensions : Type 2
(Refer to page 5.)
※ The connector as above drawing is assembled panel maounting screws.


Similar Part No. - 57RE-40360-7(D8C)-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57RE-40360-730B-FA DDK-57RE-40360-730B-FA Datasheet
325Kb / 5P
   Right Angle Solder Termination Connectors
57RE-40360-730BD12A-FA DDK-57RE-40360-730BD12A-FA Datasheet
325Kb / 5P
   Right Angle Solder Termination Connectors
57RE-40360-730BD12B-FA DDK-57RE-40360-730BD12B-FA Datasheet
325Kb / 5P
   Right Angle Solder Termination Connectors
57RE-40360-730BD12C-FA DDK-57RE-40360-730BD12C-FA Datasheet
325Kb / 5P
   Right Angle Solder Termination Connectors
57RE-40360-730BD12D-FA DDK-57RE-40360-730BD12D-FA Datasheet
325Kb / 5P
   Right Angle Solder Termination Connectors
More results

Similar Description - 57RE-40360-7(D8C)-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57RE DDK-57RE Datasheet
325Kb / 5P
   Right Angle Solder Termination Connectors
57GE-40360-751-FA DDK-57GE-40360-751-FA Datasheet
435Kb / 3P
   Straight Solder DIP Termination Connectors
57GE DDK-57GE Datasheet
239Kb / 5P
   Straight Solder DIP Termination Connectors
17JE DDK-17JE_2 Datasheet
430Kb / 7P
   D-Sub Connectors Solder Cup Termination
logo
Dubilier
DBCFDMSR09E3 DUBILIER-DBCFDMSR09E3 Datasheet
126Kb / 1P
   FILTERED D CONNECTORS SOLDER PIN RIGHT ANGLE
logo
DDK Ltd.
57LE DDK-57LE Datasheet
1Mb / 8P
   Right Angle Solder Dip Connectors EMI/RFI Shielding Version
logo
FCI connector
51939-259 FCI-CONNECTOR-51939-259 Datasheet
252Kb / 4P
   RIGHT ANGLE SOLDER HEADER
51939-133 FCI-CONNECTOR-51939-133 Datasheet
241Kb / 4P
   RIGHT ANGLE SOLDER HEADER
51730-119LF FCI-CONNECTOR-51730-119LF Datasheet
266Kb / 4P
   RIGHT ANGLE SOLDER HEADER
logo
Molex Electronics Ltd.
0733560190 MOLEX11-0733560190 Datasheet
53Kb / 1P
   75 Ohms, F Right-Angle Plug, Crimp, Belden 1865A, Solder Center Contact Termination
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com