Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTW-3030AZL50 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTW-3030AZL50
Description  LED Middle POWER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-3030AZL50 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTW-3030AZL50 Datasheet HTML 1Page - Lite-On Technology Corporation LTW-3030AZL50 Datasheet HTML 2Page - Lite-On Technology Corporation LTW-3030AZL50 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-3030AZL50 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-3030AZL50 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-3030AZL50 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-3030AZL50 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-3030AZL50 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-3030AZL50 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
04
LED Middle POWER
3030AZLxx Series
BNC-OD-C131/A4
Created Date : 07/07/2014
Revison : 1.0
3. Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Code4
Rating
Unit
Power Dissipation
Po
1320
mW
Continuous Forward Current
IF
200
mA
Pulse Forward Current
Pulse Forward Current
IFP
200
mA
Operating Temperature Range
Topr
-40 ~ +100
°C
Storage Temperature Range
Tstg
-40 ~ +100
°C
Junction Temperature
Tj
≦125
°C
Notes :
1. 1/10 duty cycle, Pulse width
≤10μs.
2. Forbid to operating at reverse voltage condition for long.
3. It is recommended to follow de-rating curve to use maximum rating to ensure LED can operated normally.


Similar Part No. - LTW-3030AZL50

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-3030AZL50 LITEON-LTW-3030AZL50 Datasheet
1Mb / 28P
   LED Middle POWER
More results

Similar Description - LTW-3030AZL50

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-5630AZL40 LITEON-LTW-5630AZL40 Datasheet
1Mb / 28P
   LED Middle POWER
logo
Everlight Electronics C...
EAPL2835YA1 EVERLIGHT-EAPL2835YA1 Datasheet
845Kb / 10P
   Middle Power LED
logo
Lite-On Technology Corp...
LTW-5630AZG27 LITEON-LTW-5630AZG27 Datasheet
663Kb / 28P
   LED Middle POWER
LTW-3030AQL27 LITEON-LTW-3030AQL27 Datasheet
1Mb / 30P
   LED Middle POWER
LTW-5630AZL27 LITEON-LTW-5630AZL27 Datasheet
1Mb / 28P
   LED Middle POWER
logo
Everlight Electronics C...
EAHP2835BA2 EVERLIGHT-EAHP2835BA2 Datasheet
514Kb / 10P
   Middle Power LED
logo
Lite-On Technology Corp...
LTW-3030AZL40 LITEON-LTW-3030AZL40 Datasheet
1Mb / 28P
   LED Middle POWER
LTW-5630AZL35 LITEON-LTW-5630AZL35 Datasheet
1Mb / 28P
   LED Middle POWER
logo
Everlight Electronics C...
EAPL2835BA3 EVERLIGHT-EAPL2835BA3 Datasheet
711Kb / 10P
   Middle Power LED
EAHP2835YA1 EVERLIGHT-EAHP2835YA1 Datasheet
528Kb / 10P
   Middle Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com