Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTW-3030AQL50 Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTW-3030AQL50
Description  LED Middle POWER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTW-3030AQL50 Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTW-3030AQL50 Datasheet HTML 1Page - Lite-On Technology Corporation LTW-3030AQL50 Datasheet HTML 2Page - Lite-On Technology Corporation LTW-3030AQL50 Datasheet HTML 3Page - Lite-On Technology Corporation LTW-3030AQL50 Datasheet HTML 4Page - Lite-On Technology Corporation LTW-3030AQL50 Datasheet HTML 5Page - Lite-On Technology Corporation LTW-3030AQL50 Datasheet HTML 6Page - Lite-On Technology Corporation LTW-3030AQL50 Datasheet HTML 7Page - Lite-On Technology Corporation LTW-3030AQL50 Datasheet HTML 8Page - Lite-On Technology Corporation LTW-3030AQL50 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
05
LED Middle POWER
3030AQLxx Series
BNC-OD-C131/A4
Created Date: 7/7/2014
Revision: 2.1
4. Electro-Optical Characteristics
4.1 Typical Performance
Parameter
Symbol
Values
Unit
Test
Condition
Correlated Color
Temperature
CCT
Typ.
2700
3000
3500
4000
5000
5700
6500
‘K
Chromaticity Coordinates
x
Typ.
0.458
0.434
0.408
0.382
0.382
0.345
0.329
-
IF =
150mA
y
Typ.
0.410
0.403
0.392
0.380
0.380
0.355
0.342
Luminous Flux
1
Φv
Min
76.0
80.0
84.0
84.0
84.0
84.0
84.0
lm
Typ.
87.5
93.0
94.7
94.7
96.1
95.7
94.7
Max.
104.0
108.0
112.0
112.0
112.0
112.0
112.0
Optical Efficiency
ηopt
Typ.
90.4
96.1
97.9
97.9
99.3
98.9
97.9
lm/W
Color Rendering Index
CRI
Min.
90
-
Viewing Angle
1/2
Typ.
120
deg
Forward Voltage
VF
Min
5.8
V
Typ.
6.3
Max.
6.6
Thermal Resistance
Rjs
Typ.
10
°C/W
ESD-Withstand Voltage
ESD
Min
5K
HBM
V
Notes
1. Luminous flux is the total luminous flux output as measured with an integrating sphere.
2. Iv (flux
v) classification code is marked on each packing bag.
3. The chromaticity coordinates (x, y) is derived from the 1931 CIE chromaticity diagram.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommended using a wrist band or anti-electrostatic
glove when handling the LED. All devices, equipment and machinery must be properly grounded.
5. CAS140B is the test standard for the chromaticity coordinates (x, y) &
v.
6. The chromaticity coordinates (x, y) guarantee should be added +/- 0.01 tolerance
7. CRI measurement allowance is ±5, R9>50


Similar Part No. - LTW-3030AQL50

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-3030AZL27 LITEON-LTW-3030AZL27 Datasheet
1Mb / 28P
   LED Middle POWER
LTW-3030AZL27 LITEON-LTW-3030AZL27 Datasheet
1Mb / 28P
   LED Middle POWER
LTW-3030AZL30 LITEON-LTW-3030AZL30 Datasheet
1Mb / 28P
   LED Middle POWER
LTW-3030AZL30 LITEON-LTW-3030AZL30 Datasheet
1Mb / 28P
   LED Middle POWER
LTW-3030AZL35 LITEON-LTW-3030AZL35 Datasheet
1Mb / 28P
   LED Middle POWER
More results

Similar Description - LTW-3030AQL50

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTW-3030AZL57 LITEON-LTW-3030AZL57 Datasheet
1Mb / 28P
   LED Middle POWER
LTW-5630AZL40 LITEON-LTW-5630AZL40 Datasheet
1Mb / 28P
   LED Middle POWER
logo
Everlight Electronics C...
EAPL2835YA1 EVERLIGHT-EAPL2835YA1 Datasheet
845Kb / 10P
   Middle Power LED
logo
Lite-On Technology Corp...
LTW-5630AZG27 LITEON-LTW-5630AZG27 Datasheet
663Kb / 28P
   LED Middle POWER
LTW-5630AZL27 LITEON-LTW-5630AZL27 Datasheet
1Mb / 28P
   LED Middle POWER
logo
Everlight Electronics C...
EAHP2835BA2 EVERLIGHT-EAHP2835BA2 Datasheet
514Kb / 10P
   Middle Power LED
logo
Lite-On Technology Corp...
LTW-3030AZL40 LITEON-LTW-3030AZL40 Datasheet
1Mb / 28P
   LED Middle POWER
LTW-5630AZL35 LITEON-LTW-5630AZL35 Datasheet
1Mb / 28P
   LED Middle POWER
logo
Everlight Electronics C...
EAPL2835BA3 EVERLIGHT-EAPL2835BA3 Datasheet
711Kb / 10P
   Middle Power LED
EAHP2835YA1 EVERLIGHT-EAHP2835YA1 Datasheet
528Kb / 10P
   Middle Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com