Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF442AMH Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LF442AMH
Description  Dual Low Power JFET Input Operational Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF442AMH Datasheet(HTML) 10 Page - Texas Instruments

Back Button LF442AMH Datasheet HTML 6Page - Texas Instruments LF442AMH Datasheet HTML 7Page - Texas Instruments LF442AMH Datasheet HTML 8Page - Texas Instruments LF442AMH Datasheet HTML 9Page - Texas Instruments LF442AMH Datasheet HTML 10Page - Texas Instruments LF442AMH Datasheet HTML 11Page - Texas Instruments LF442AMH Datasheet HTML 12Page - Texas Instruments LF442AMH Datasheet HTML 13Page - Texas Instruments LF442AMH Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
LM442-MIL
SNOSD59 – JUNE 2017
www.ti.com
Product Folder Links: LM442-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7.1 Pulse Response
RL = 10 kΩ, CL = 10 pF
Figure 22. Small Signal Inverting
Figure 23. Small Signal Non-Inverting
Figure 24. Large Signal Inverting
Figure 25. Large Signal Non-Inverting


Similar Part No. - LF442AMH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF442AMH NSC-LF442AMH Datasheet
440Kb / 12P
   Dual Low Power JFET Input Operational Amplifier
logo
Texas Instruments
LF442AMH TI1-LF442AMH Datasheet
987Kb / 24P
[Old version datasheet]   Dual Low Power JFET Input Operational Amplifier
LF442AMH/NOPB TI1-LF442AMH/NOPB Datasheet
987Kb / 24P
[Old version datasheet]   Dual Low Power JFET Input Operational Amplifier
More results

Similar Description - LF442AMH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF442 TI1-LF442 Datasheet
987Kb / 24P
[Old version datasheet]   Dual Low Power JFET Input Operational Amplifier
logo
National Semiconductor ...
LF442 NSC-LF442 Datasheet
440Kb / 12P
   Dual Low Power JFET Input Operational Amplifier
logo
Texas Instruments
LF442QML TI1-LF442QML Datasheet
373Kb / 18P
[Old version datasheet]   LF442QML Dual Low Power JFET Input Operational Amplifier
LF412-N TI1-LF412-N Datasheet
3Mb / 22P
[Old version datasheet]   Low Drift Dual JFET Input Operational Amplifier
LF412JAN TI1-LF412JAN_13 Datasheet
3Mb / 17P
[Old version datasheet]   Low Drift Dual JFET Input Operational Amplifier
TL092 TI-TL092_06 Datasheet
162Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
TL092 TI-TL092 Datasheet
101Kb / 6P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF412C TI1-LF412C Datasheet
382Kb / 10P
[Old version datasheet]   Dual JFET-INPUT Operational Amplifier
LF353DRG4 TI-LF353DRG4 Datasheet
525Kb / 9P
[Old version datasheet]   JFET-INPUT DUAL OPERATIONAL AMPLIFIER
LF412C TI-LF412C_07 Datasheet
300Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com