Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTPL-P00DMS27 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTPL-P00DMS27
Description  HIGH POWER LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P00DMS27 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTPL-P00DMS27 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-P00DMS27 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-P00DMS27 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-P00DMS27 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-P00DMS27 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-P00DMS27 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P00DMS27 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P00DMS27 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P00DMS27 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P00DMS-27
Page:
2
of
13
BNC-OD-C131/A4
3. Rating and Characteristics
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Rating
Unit
Power Dissipation
Po
0.3
W
Forward Current *
1
IF
75
mA
Forward Pulse Current *
1, *2
IFP
90
mA
Reverse Voltage *
1
VR
10
V
Junction Temperature
Tj
115
°C
Thermal Resistance, Junction-Case
Rth, J-C
12.16
°C/W
Thermal Resistance, Junction-Ambient
Rth, J-A
19.66
°C/W
Operating Temperature Range
Topr
-40 - 85
°C
Storage Temperature Range
Tstg
-40 - 100
°C
Notes
1.
The value are based on one die performance.
2.
The pulse mode condition is 1/10 duty cycle with 100 msec pulse width.
3.
Forbid to operating at reverse voltage condition for long.


Similar Part No. - LTPL-P00DMS27

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTPL-P00DMS-27 LITEON-LTPL-P00DMS-27 Datasheet
225Kb / 14P
   HIGH POWER LED
LTPL-P00DMS30 LITEON-LTPL-P00DMS30 Datasheet
217Kb / 14P
   HIGH POWER LED
More results

Similar Description - LTPL-P00DMS27

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01UWC EVERLIGHT-30-01UWC Datasheet
139Kb / 6P
   HIGH POWER LED
logo
TAITRON Components Inco...
TSLG-XR8080-A08L TAITRON-TSLG-XR8080-A08L Datasheet
495Kb / 9P
   HIGH POWER LED
logo
P-tec Corporation
PL763H-WC3W P-TEC-PL763H-WC3W Datasheet
31Kb / 1P
   HIGH POWER LED
logo
Ningbo Foryard Optoelec...
FYB-E27W3W3B FORYARD-FYB-E27W3W3B Datasheet
753Kb / 4P
   High Power LED
FYG50-5052UW-3W FORYARD-FYG50-5052UW-3W Datasheet
599Kb / 4P
   High Power LED
FYLP-5052PGC-1W FORYARD-FYLP-5052PGC-1W Datasheet
518Kb / 8P
   High-Power LED
FYLP-5052UBC-1W FORYARD-FYLP-5052UBC-1W Datasheet
516Kb / 8P
   High-Power LED
FYLP-5052UWC-0.5W FORYARD-FYLP-5052UWC-0.5W Datasheet
522Kb / 8P
   High-Power LED
logo
Roithner LaserTechnik G...
ELJ-810-629 ROITHNER-ELJ-810-629 Datasheet
262Kb / 4P
   High Power LED
RLT-WNP1000-02 ROITHNER-RLT-WNP1000-02 Datasheet
227Kb / 4P
   High Power LED
SMB1W-770R ROITHNER-SMB1W-770R Datasheet
372Kb / 5P
   High Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com