Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM393-MILP Datasheet(PDF) 1 Page - Texas Instruments

Part # LM393-MILP
Description  Dual Differential Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM393-MILP Datasheet(HTML) 1 Page - Texas Instruments

  LM393-MILP Datasheet HTML 1Page - Texas Instruments LM393-MILP Datasheet HTML 2Page - Texas Instruments LM393-MILP Datasheet HTML 3Page - Texas Instruments LM393-MILP Datasheet HTML 4Page - Texas Instruments LM393-MILP Datasheet HTML 5Page - Texas Instruments LM393-MILP Datasheet HTML 6Page - Texas Instruments LM393-MILP Datasheet HTML 7Page - Texas Instruments LM393-MILP Datasheet HTML 8Page - Texas Instruments LM393-MILP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
OUT
IN−
IN+
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM393-MIL
SLCS162 – JUNE 2017
LM393-MIL Dual Differential Comparators
1
1 Features
1
Single-Supply or Dual Supplies
Wide Range of Supply Voltage
Maximum Rating: 2 V to 36 V
Tested to 30 V
Low Supply-Current Drain Independent of Supply
Voltage: 0.4 mA (Typical) Per Comparator
Low Input Bias Current: 25 nA (Typical)
Low Input Offset Voltage: 2 mV (Typical)
Common-Mode Input Voltage Range Includes
Ground
Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage: ±36 V
Low Output Saturation Voltage
Output Compatible with TTL, MOS, and CMOS
On Products Compliant to MIL-PRF-38535, All
Parameters are Tested Unless Otherwise Noted.
On All Other Products, Production Processing
does not Necessarily Include Testing of All
Parameters.
2 Applications
Chemical or Gas Sensor
Desktop PC
Motor Control: AC Induction
Weigh Scale
3 Description
These devices consist of two independent voltage
comparators that are designed to operate from a
single power supply over a wide range of voltages.
Operation from dual supplies also is possible as long
as the difference between the two supplies is 2 V to
36 V, and VCC is at least 1.5 V more positive than the
input
common-mode
voltage.
Current
drain
is
independent of the supply voltage. The outputs can
be connected to other open-collector outputs to
achieve wired-AND relationships.
The LM393-MIL device is characterized for operation
from 0°C to 70°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM393-MILD
SOIC (8)
4.90 mm × 6.00 mm
LM393-MILDGK
VSSOP (8)
3.00 mm x 5.00 mm
LM393-MILP
PDIP (8)
9.50 mm × 6.30 mm
LM393-MILPS
SO (8)
6.20 mm x 7.90 mm
LM393-MILPW
TSSOP (8)
6.40 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - LM393-MILP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM393-D08-T UTC-LM393-D08-T Datasheet
184Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
LM393-D08-T UTC-LM393-D08-T Datasheet
164Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM393-N TI-LM393-N Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393-N TI1-LM393-N Datasheet
1Mb / 25P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
logo
Unisonic Technologies
LM393-P08-R UTC-LM393-P08-R Datasheet
184Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
More results

Similar Description - LM393-MILP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com