Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOPL-E001M Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LOPL-E001M
Description  LITE-ON TECHNOLOGY CORPORATION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LOPL-E001M Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LOPL-E001M Datasheet HTML 1Page - Lite-On Technology Corporation LOPL-E001M Datasheet HTML 2Page - Lite-On Technology Corporation LOPL-E001M Datasheet HTML 3Page - Lite-On Technology Corporation LOPL-E001M Datasheet HTML 4Page - Lite-On Technology Corporation LOPL-E001M Datasheet HTML 5Page - Lite-On Technology Corporation LOPL-E001M Datasheet HTML 6Page - Lite-On Technology Corporation LOPL-E001M Datasheet HTML 7Page - Lite-On Technology Corporation LOPL-E001M Datasheet HTML 8Page - Lite-On Technology Corporation LOPL-E001M Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LOPL-E001M DATA SHEET
Page:
2
of
12
BNC-OD-C131/A4
3. Rating and Characteristics
3.1 Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Rating
Unit
Power Dissipation
Po
1.5
W
Forward Current
IF
350
mA
Forward Pulse Current
IFP
500
mA
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Thermal Resistance, Junction-Case
Rth, J-C
15.0
°C/W
Operating Temperature Range
Topr
-40 - 80
°C
Storage Temperature Range
Tstg
-40 - 120
°C
Soldering Condition
1, 2
Tsol
260°C For 5 Seconds
Notes
1. Proper current derating must be observed to maintain junction temperature below the maximum.
For more information, consult the LOPL Emitters application notes, available upon request.
2. Measured at leads, during lead soldering and heat pad attach, body temperature must not exceed
150°C. LOPL Emitters can be soldered by general IR reflow, or select heating the leads by hot bar
reflow or hand soldering.


Similar Part No. - LOPL-E001M

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LOPL-E001A LITEON-LOPL-E001A Datasheet
316Kb / 12P
   High power LED light source
LOPL-E001B LITEON-LOPL-E001B Datasheet
316Kb / 12P
   High power LED light source
LOPL-E001C LITEON-LOPL-E001C Datasheet
220Kb / 12P
   High power LED light source
LOPL-E001G LITEON-LOPL-E001G Datasheet
294Kb / 12P
   High power LED light source
LOPL-E001H LITEON-LOPL-E001H Datasheet
302Kb / 12P
   High power LED light source
More results

Similar Description - LOPL-E001M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-214 TENAND-LTV-214 Datasheet
305Kb / 16P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
LTST-C930KGKT LITEON-LTST-C930KGKT Datasheet
641Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LTPL-P00DWS65 LITEON-LTPL-P00DWS65 Datasheet
184Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
LTW-M140SZS40 LITEON-LTW-M140SZS40 Datasheet
538Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
LTL1CHTBK3 LITEON-LTL1CHTBK3 Datasheet
178Kb / 8P
   LITE-ON TECHNOLOGY CORPORATION
LTST-C170TBKT LITEON-LTST-C170TBKT Datasheet
548Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LTV-214 LITEON-LTV-214 Datasheet
235Kb / 14P
   LITE-ON TECHNOLOGY CORPORATION
LTST-C171KSKT LITEON-LTST-C171KSKT Datasheet
842Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
logo
Shenzhen Tenand Technol...
LTV-200 TENAND-LTV-200 Datasheet
201Kb / 10P
   LITE-ON TECHNOLOGY CORPORATION
LTV-217 TENAND-LTV-217 Datasheet
335Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
CNY17-1 LITEON-CNY17-1 Datasheet
170Kb / 9P
   LITE-ON TECHNOLOGY CORPORATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com