Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOPL-E001M Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LOPL-E001M
Description  LITE-ON TECHNOLOGY CORPORATION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LOPL-E001M Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LOPL-E001M Datasheet HTML 3Page - Lite-On Technology Corporation LOPL-E001M Datasheet HTML 4Page - Lite-On Technology Corporation LOPL-E001M Datasheet HTML 5Page - Lite-On Technology Corporation LOPL-E001M Datasheet HTML 6Page - Lite-On Technology Corporation LOPL-E001M Datasheet HTML 7Page - Lite-On Technology Corporation LOPL-E001M Datasheet HTML 8Page - Lite-On Technology Corporation LOPL-E001M Datasheet HTML 9Page - Lite-On Technology Corporation LOPL-E001M Datasheet HTML 10Page - Lite-On Technology Corporation LOPL-E001M Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LOPL-E001M DATA SHEET
Page:
7
of
12
BNC-OD-C131/A4
5. Reflow Soldering Characteristics
Time
tP
Preheat, tS
tL
TSmin
TSmax
25°C to Peak,
TL
Ramp-down
Ramp-up
TP
`
Profile Feature
Lead Free Assembly
Average Ramp-Up Rate (TSmax to TP)
3°C / second max
Preheat Temperature Min (TSmin)
150°C
Preheat Temperature Max (TSmax)
200°C
Preheat Time (tSmin to tSmax)
60 – 180 seconds
Time Maintained Above Temperature (TL)
217°C
Time Maintained Above Time (tL)
60 – 150 seconds
Peak / Classification Temperature (TP)
260°C
Time Within 5°C of Actual Peak Temperature (tP)
20 – 40 seconds
Ramp – Down Rate
6°C / second max
Time 25°C to Peak Temperature
8 minutes max
Notes: All temperatures refer to topside of the package, measured on the package body surface.


Similar Part No. - LOPL-E001M

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LOPL-E001A LITEON-LOPL-E001A Datasheet
316Kb / 12P
   High power LED light source
LOPL-E001B LITEON-LOPL-E001B Datasheet
316Kb / 12P
   High power LED light source
LOPL-E001C LITEON-LOPL-E001C Datasheet
220Kb / 12P
   High power LED light source
LOPL-E001G LITEON-LOPL-E001G Datasheet
294Kb / 12P
   High power LED light source
LOPL-E001H LITEON-LOPL-E001H Datasheet
302Kb / 12P
   High power LED light source
More results

Similar Description - LOPL-E001M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-214 TENAND-LTV-214 Datasheet
305Kb / 16P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
LTST-C930KGKT LITEON-LTST-C930KGKT Datasheet
641Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LTPL-P00DWS65 LITEON-LTPL-P00DWS65 Datasheet
184Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
LTW-M140SZS40 LITEON-LTW-M140SZS40 Datasheet
538Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
LTL1CHTBK3 LITEON-LTL1CHTBK3 Datasheet
178Kb / 8P
   LITE-ON TECHNOLOGY CORPORATION
LTST-C170TBKT LITEON-LTST-C170TBKT Datasheet
548Kb / 11P
   LITE-ON TECHNOLOGY CORPORATION
LTV-214 LITEON-LTV-214 Datasheet
235Kb / 14P
   LITE-ON TECHNOLOGY CORPORATION
LTST-C171KSKT LITEON-LTST-C171KSKT Datasheet
842Kb / 12P
   LITE-ON TECHNOLOGY CORPORATION
logo
Shenzhen Tenand Technol...
LTV-200 TENAND-LTV-200 Datasheet
201Kb / 10P
   LITE-ON TECHNOLOGY CORPORATION
LTV-217 TENAND-LTV-217 Datasheet
335Kb / 13P
   LITE-ON TECHNOLOGY CORPORATION
logo
Lite-On Technology Corp...
CNY17-1 LITEON-CNY17-1 Datasheet
170Kb / 9P
   LITE-ON TECHNOLOGY CORPORATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com