Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM139-SP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM139-SP
Description  Quad Differential Comparators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM139-SP Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM139-SP Datasheet HTML 5Page - Texas Instruments LM139-SP Datasheet HTML 6Page - Texas Instruments LM139-SP Datasheet HTML 7Page - Texas Instruments LM139-SP Datasheet HTML 8Page - Texas Instruments LM139-SP Datasheet HTML 9Page - Texas Instruments LM139-SP Datasheet HTML 10Page - Texas Instruments LM139-SP Datasheet HTML 11Page - Texas Instruments LM139-SP Datasheet HTML 12Page - Texas Instruments LM139-SP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
LM139-MIL
www.ti.com
SLCS160 – JUNE 2017
Product Folder Links: LM139-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
The following list describes the outcomes of some input voltage situations.
When both IN– and IN+ are both within the common-mode range:
If IN– is higher than IN+ and the offset voltage, the output is low and the output transistor is sinking
current
If IN– is lower than IN+ and the offset voltage, the output is high impedance and the output transistor is
not conducting
When IN– is higher than common mode and IN+ is within common mode, the output is low and the output
transistor is sinking current
When IN+ is higher than common mode and IN– is within common mode, the output is high impedance and
the output transistor is not conducting
When IN– and IN+ are both higher than common mode, the output is low and the output transistor is sinking
current
8.2.2.2 Minimum Overdrive Voltage
Overdrive voltage is the differential voltage produced between the positive and negative inputs of the comparator
over the offset voltage (VIO). To make an accurate comparison, the overdrive voltage (VOD) must be higher than
the input offset voltage (VIO). Overdrive voltage can also determine the response time of the comparator, with the
response time decreasing with increasing overdrive. Figure 8 and Figure 9 show positive and negative response
times with respect to overdrive voltage.
8.2.2.3 Output and Drive Current
Output current is determined by the load and pullup resistance and logic and pullup voltage. The output current
produces a low-level output voltage (VOL) from the comparator, where VOL is proportional to the output current.
The output current can also effect the transient response.
8.2.2.4 Response Time
Response time is a function of input over-drive. See the Typical Characteristics graphs for typical response
times. The rise and fall times can be determined by the load capacitance (CL), load/pull-up resistance (RPULLUP)
and equivalent collector-emitter resistance (RCE).
The rise time (τR) is approximately τR~ RPULLUP × CL
The fall time (τF) is approximately τF ~ RCE × CL
RCE can be determined by taking the slope of Figure 3 in its linear region at the desired temperature, or by
dividing the VOL by IOUT


Similar Part No. - LM139-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139-SP TI1-LM139-SP Datasheet
214Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI1-LM139-SP Datasheet
214Kb / 14P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI-LM139-SP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139-SP TI-LM139-SP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139-SP TI1-LM139-SP Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
More results

Similar Description - LM139-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
LM111 TI1-LM111_15 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com