Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM336LP-2-5 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM336LP-2-5
Description  2.5-V INTEGRATED REFERENCE CIRCUITS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM336LP-2-5 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM336LP-2-5 Datasheet HTML 3Page - Texas Instruments LM336LP-2-5 Datasheet HTML 4Page - Texas Instruments LM336LP-2-5 Datasheet HTML 5Page - Texas Instruments LM336LP-2-5 Datasheet HTML 6Page - Texas Instruments LM336LP-2-5 Datasheet HTML 7Page - Texas Instruments LM336LP-2-5 Datasheet HTML 8Page - Texas Instruments LM336LP-2-5 Datasheet HTML 9Page - Texas Instruments LM336LP-2-5 Datasheet HTML 10Page - Texas Instruments LM336LP-2-5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Mar-2017
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM336LPRE3-2-5
ACTIVE
TO-92
LP
3
2000
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
0 to 70
336-25
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - LM336LP-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM336LP-2-5 TI-LM336LP-2-5 Datasheet
95Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LM336LP-2-5 TI-LM336LP-2-5 Datasheet
219Kb / 11P
[Old version datasheet]   2.5V INTEGRATED REFERENCE CIRCUITS
LM336LP-2-5 TI1-LM336LP-2-5 Datasheet
449Kb / 15P
[Old version datasheet]   2.5V INTERGRATED REFERENCE CIRCUITS
More results

Similar Description - LM336LP-2-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM236 TI-LM236 Datasheet
95Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LM236-2.5 TI-LM236-2.5_15 Datasheet
433Kb / 14P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LT1009 TI-LT1009_06 Datasheet
328Kb / 17P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI-LT1009_15 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI1-LT1009M Datasheet
158Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI1-LT1009 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI-LT1009M_15 Datasheet
128Kb / 11P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
logo
Texas Instruments
LM236-2.5 TI-LM236-2.5 Datasheet
219Kb / 11P
[Old version datasheet]   2.5V INTEGRATED REFERENCE CIRCUITS
logo
Analog Devices
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com