Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1211 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1211
Description  Isolated 24-V Digital Input Receivers for Digital Input Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1211 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO1211 Datasheet HTML 5Page - Texas Instruments ISO1211 Datasheet HTML 6Page - Texas Instruments ISO1211 Datasheet HTML 7Page - Texas Instruments ISO1211 Datasheet HTML 8Page - Texas Instruments ISO1211 Datasheet HTML 9Page - Texas Instruments ISO1211 Datasheet HTML 10Page - Texas Instruments ISO1211 Datasheet HTML 11Page - Texas Instruments ISO1211 Datasheet HTML 12Page - Texas Instruments ISO1211 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
ISO1211, ISO1212
www.ti.com
SLLSEY7 – JUNE 2017
Product Folder Links: ISO1211 ISO1212
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
The safety-limiting constraint is the maximum junction temperature specified in the data sheet. The power dissipation and junction-to-air
thermal impedance of the device installed in the application hardware determines the junction temperature. The assumed junction-to-air
thermal resistance in the Thermal Information table is that of a device installed on a high-K test board for leaded surface-mount
packages. The power is the recommended maximum input voltage times the current. The junction temperature is then the ambient
temperature plus the power times the junction-to-air thermal resistance.
6.8 Safety Limiting Values
Safety limiting
(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure
of the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier, potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO1211
IS
Safety input, output, or supply
current - side 1
RθJA = 146.1°C/W, VI = 2.75 V, TJ = 150°C,
TA = 25°C, see Figure 1
310
mA
RθJA = 146.1°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C, see Figure 1
237
RθJA = 146.1°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C, see Figure 1
155
IS
Safety input current - field side
RθJA = 146.1°C/W, VI = 24 V, TJ = 150°C,
TA = 25°C, see Figure 1
35
mA
RθJA = 146.1°C/W, VI = 36 V, TJ = 150°C,
TA = 25°C, see Figure 1
23
RθJA = 146.1°C/W, VI = 60 V, TJ = 150°C,
TA = 25°C, see Figure 1
14
PS
Safety input, output, or total
power
RθJA = 146.1°C/W, TJ = 150°C, TA = 25°C,
see Figure 2
855
mW
TS
Maximum safety temperature
150
°C
ISO1212
IS
Safety input, output, or supply
current - side 1
RθJA = 116.9°C/W, VI = 2.75 V, TJ = 150°C,
TA = 25°C, see Figure 3
389
mA
RθJA= 116.9°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C, see Figure 3
297
RθJA = 116.9°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C, see Figure 3
194
IS
Safety input current - field side
RθJA = 116.9°C/W, VI = 24 V, TJ = 150°C,
TA = 25°C, see Figure 3
44
mA
RθJA= 116.9°C/W, VI = 36 V, TJ = 150°C,
TA = 25°C, see Figure 3
29
RθJA = 116.9°C/W, VI = 60 V, TJ = 150°C,
TA = 25°C, see Figure 3
17
PS
Safety input, output, or total
power
RθJA = 116.9°C/W, TJ = 150°C, TA = 25°C,
see Figure 4
1070
mW
TS
Maximum safety temperature
150
°C


Similar Part No. - ISO1211

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO121 BURR-BROWN-ISO121 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO121 BURR-BROWN-ISO121 Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO121BG BURR-BROWN-ISO121BG Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO121BG BURR-BROWN-ISO121BG Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO121G BURR-BROWN-ISO121G Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
More results

Similar Description - ISO1211

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMAX-2752SY ADVANTECH-AMAX-2752SY Datasheet
598Kb / 2P
   32-ch Isolated Digital Input/Output Slave Modules
logo
Contec Co., Ltd
PI-32BH CONTEC-PI-32BH Datasheet
162Kb / 4P
   Isolated Digital Input Board for PCI
logo
Opto Electronics Co,. L...
ID-22-50 E-OEC-ID-22-50 Datasheet
119Kb / 4P
   SNAP Digital Input Modules
logo
National Instruments Co...
CFP-DI-300 NI-CFP-DI-300 Datasheet
339Kb / 5P
   Digital Input Modules for Compact FieldPoint
logo
Advantech Co., Ltd.
AMAX-2752SY ADVANTECH-AMAX-2752SY_14 Datasheet
240Kb / 1P
   32-ch Isolated Digital Input/Output Slave Modules
AMAX-2750SY ADVANTECH-AMAX-2750SY Datasheet
327Kb / 1P
   32-ch Isolated Digital Input/Output Slave Modules
19-Mar-2014
PCLD-782 ADVANTECH-PCLD-782_V01 Datasheet
395Kb / 1P
   16/24-ch Opto-Isolated Digital Input Board
19-Mar-2014
logo
Texas Instruments
SN65HVS880 TI-SN65HVS880 Datasheet
853Kb / 24P
[Old version datasheet]   24 V, EIGHT-CHANNEL DIGITAL-INPUT SERIALIZER
SN65HVS883 TI1-SN65HVS883 Datasheet
596Kb / 28P
[Old version datasheet]   24 V, Eight-Channel Digital-Input Serializer
logo
Contec Co., Ltd
DI-32L-PE CONTEC-DI-32L-PE Datasheet
302Kb / 3P
   Isolated Digital Input board for PCI Express
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com