Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ28 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMDJ28
Description  Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMDJ28 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMDJ28 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMDJ28 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMDJ28 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMDJ28 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Uni
Bi
Min (V) Max (V) IT (mA)
SMDJ5.0
SMDJ5.0C
RDD DDD
6.40
7.30
10
800
5.0
312.50
9.6
SMDJ5.0A
SMDJ5.0CA
RDE DDE
6.40
7.00
10
800
5.0
326.09
9.2
SMDJ6.0
SMDJ6.0C
RDF DDF
6.67
8.15
10
800
6.0
263.16
11.4
SMDJ6.0A
SMDJ6.0CA
RDG DDG
6.67
7.37
10
800
6.0
291.26
10.3
SMDJ6.5
SMDJ6.5C
RDH DDH
7.22
8.82
10
500
6.5
243.90
12.3
SMDJ6.5A
SMDJ6.5CA
RDK DDK
7.22
7.98
10
500
6.5
267.86
11.2
SMDJ7.0
SMDJ7.0C
RDL DDL
7.78
9.51
10
200
7.0
225.56
13.3
SMDJ7.0A
SMDJ7.0CA
PDM DDM
7.78
8.60
10
200
7.0
250.00
12.0
SMDJ7.5
SMDJ7.5C
PDN DDN
8.33
10.20
1
100
7.5
209.79
14.3
SMDJ7.5A
SMDJ7.5CA
PDP DDP
8.33
9.21
1
100
7.5
232.56
12.9
SMDJ8.0
SMDJ8.0C
PDQ DDQ
8.89
10.90
1
50
8.0
200.00
15.0
SMDJ8.0A
SMDJ8.0CA
PDR DDR
8.89
9.83
1
50
8.0
220.59
13.6
SMDJ8.5
SMDJ8.5C
PDS DDS
9.44
11.50
1
20
8.5
188.68
15.9
SMDJ8.5A
SMDJ8.5CA
PDT DDT
9.44
10.40
1
20
8.5
208.33
14.4
SMDJ9.0
SMDJ9.0C
PDU DDU
10.00
12.20
1
10
9.0
177.51
16.9
SMDJ9.0A
SMDJ9.0CA
PDV DDV
10.00
11.10
1
10
9.0
194.81
15.4
SMDJ10
SMDJ10C
PDW DDW
11.10
13.60
1
5
10.0
159.57
18.8
SMDJ10A
SMDJ10CA
PDX DDX
11.10
12.30
1
5
10.0
176.47
17.0
SMDJ11
SMDJ11C
PDY DDY
12.20
14.90
1
2
11.0
149.25
20.1
SMDJ11A
SMDJ11CA
PDZ DDZ
12.20
13.50
1
2
11.0
164.84
18.2
SMDJ12
SMDJ12C
PED DED
13.30
16.30
1
2
12.0
136.36
22.0
SMDJ12A
SMDJ12CA
PEE DEE
13.30
14.70
1
2
12.0
150.75
19.9
SMDJ13
SMDJ13C
PEF DEF
14.40
17.60
1
2
13.0
126.05
23.8
SMDJ13A
SMDJ13CA
PEG DEG
14.40
15.90
1
2
13.0
139.53
21.5
SMDJ14
SMDJ14C
PEH DEH
15.60
19.10
1
2
14.0
116.28
25.8
SMDJ14A
SMDJ14CA
PEK DEK
15.60
17.20
1
2
14.0
129.31
23.2
SMDJ15
SMDJ15C
PEL DEL
16.70
20.40
1
2
15.0
111.52
26.9
SMDJ15A
SMDJ15CA
PEM DEM
16.70
18.50
1
2
15.0
122.95
24.4
SMDJ16
SMDJ16C
PEN DEN
17.80
21.80
1
2
16.0
104.17
28.8
SMDJ16A
SMDJ16CA
PEP DEP
17.80
19.70
1
2
16.0
115.38
26.0
SMDJ17
SMDJ17C
PEQ DEQ
18.90
23.10
1
2
17.0
98.36
30.5
SMDJ17A
SMDJ17CA
PER DER
18.90
20.90
1
2
17.0
108.70
27.6
SMDJ18
SMDJ18C
PES DES
20.00
24.40
1
2
18.0
93.17
32.2
SMDJ18A
SMDJ18CA
PET DET
20.00
22.10
1
2
18.0
102.74
29.2
SMDJ19
SMDJ19C
PEA DEA
21.13
25.76
1
2
19.0
88.21
34.0
SMDJ19A
SMDJ19CA
PEB DEB
21.10
23.30
1
2
19.0
97.47
30.8
SMDJ20
SMDJ20C
PEU DEU
22.20
27.10
1
2
20.0
83.80
35.8
SMDJ20A
SMDJ20CA
PEV DEV
22.20
24.50
1
2
20.0
92.59
32.4
SMDJ22
SMDJ22C
PEW DEW
24.40
29.80
1
2
22.0
76.14
39.4
SMDJ22A
SMDJ22CA
PEX DEX
24.40
26.90
1
2
22.0
84.51
35.5
SMDJ24
SMDJ24C
PEY DEY
26.70
32.60
1
2
24.0
69.77
43.0
SMDJ24A
SMDJ24CA
PEZ DEZ
26.70
29.50
1
2
24.0
77.12
38.9
SMDJ26
SMDJ26C
PFD DFD
28.90
35.30
1
2
26.0
64.38
46.6
SMDJ26A
SMDJ26CA
PFE DFE
28.90
31.90
1
2
26.0
71.26
42.1
SMDJ28
SMDJ28C
PFF DFF
31.10
38.00
1
2
28.0
60.00
50.0
SMDJ28A
SMDJ28CA
PFG DFG
31.10
34.40
1
2
28.0
66.08
45.4
SMDJ30
SMDJ30C
PFH DFH
33.30
40.70
1
2
30.0
56.07
53.5
SMDJ30A
SMDJ30CA
PFK DFK
33.30
36.80
1
2
30.0
61.98
48.4
SMDJ33
SMDJ33C
PFL DFL
36.70
44.90
1
2
33.0
50.85
59.0
SMDJ33A
SMDJ33CA
PFM DFM
36.70
40.60
1
2
33.0
56.29
53.3
SMDJ36
SMDJ36C
PFN DFN
40.00
48.90
1
2
36.0
46.66
64.3
SMDJ36A
SMDJ36CA
PFP DFP
40.00
44.20
1
2
36.0
51.64
58.1
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics(TA=25℃ unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)
Device
Marking
Code
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Working
Peak Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage VC
@IPP
(V)
SMDJ Series
Surface Mount
Transient Voltage Suppressors
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70301-P1


Similar Part No. - SMDJ28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ28 ETC1-SMDJ28 Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
First Silicon Co., Ltd
SMDJ28 FS-SMDJ28 Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
Socay Electornics Co., ...
SMDJ28 SOCAY-SMDJ28 Datasheet
624Kb / 7P
   Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMDJ28 UNSEMI-SMDJ28 Datasheet
4Mb / 8P
   5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
SMDJ28 SOCAY-SMDJ28 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMDJ28

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com