Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS9000 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HEDS9000
Description  Two Channel High Resolution Optical Incremental Encoder Modules
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS9000 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HEDS9000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS9000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS9000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS9000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS9000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS9000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS9000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS9000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS9000 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2-66
Electrical Characteristics
Electrical Characteristics over Recommended Operating Range, typical at 25
°C.
Parameter
Symbol
Min.
Typical
Max.
Units
Notes
Supply Current
ICC
30
57
85
mA
High Level Output Voltage
VOH
2.4
Volts
IOH = -200 µA max.
Low Level Output Voltage
VOL
0.4
Volts
IOL = 3.86 mA
Rise Time
tr
180
ns
CL = 25 pF
Fall Time
tf
40
ns
Encoding Characteristics
Encoding Characteristics over Recommended Operating Range and Recommended Mounting Tolerances.
These Characteristics do not include codewheel/codestrip contribution. The Typical Values are averages over
the full rotation of the codewheel. For operation above 100 kHz, see frequency derating curves.
Frequency Derating Curves
Typical performance over extended operating range. These curves were derived using a 25 pF load with a 3.3
k pull-up resistor. Greater load capacitances will cause more error than shown in these graphs.
Description
Symbol
Typical
Maximum
Units
Pulse Width Error
∆P5
45
°e
Logic State Width Error
∆S3
45
°e
Phase Error
∆φ
215
°e
Note: Module mounted on tolerance circle of
± 0.13 mm (± 0.005 in.) radius referenced from module Side A aligning recess centers. 3.3
k
Ω pull-up resistors used on all encoder module outputs.
R
L = 3.3 kΩ pull-up
0
-5
0
50
100
150
200
-40 C
+25 C
+100 C
FREQUENCY (KHz)
-10
-15
15
10
5
0
-5
0
50
100
150
200
-40 C
+25 C
+100 C
FREQUENCY (KHz)


Similar Part No. - HEDS9000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
More results

Similar Description - HEDS9000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDT-9000 AVAGO-HEDT-9000 Datasheet
215Kb / 7P
   High Temperature 125째C Two Channel Optical Incremental Encoder Modules
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDT-9000 HP-HEDT-9000 Datasheet
291Kb / 7P
   High Temperature 125 Degree Celcious Two Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com