Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7520 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL-7520
Description  Isolated Linear Sensing IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7520 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7520 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-7520 Datasheet HTML 15Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
As shown in Figure 17, 0.1
µF
bypass capacitors (C1, C2)
should be located as close as
possible to the pins of the
HCPL-7520. The bypass
capacitors are required because
of the high-speed digital nature
of the signals inside the HCPL-7520.
A 0.01
µF bypass capacitor (C2) is
also recommended at the input due
to the switched-capacitor nature
of the input circuit. The input
bypass capacitor also forms part
of the anti-aliasing filter, which is
recommended to prevent high
frequencynoisefromaliasingdownto
lower frequencies and interfering
with the input signal. The input filter
also performs an important
reliability function—it reduces
transient spikes from ESD events
flowing through the current
sensing resistor.
PC Board Layout
The design of the printed circuit
board (PCB) should follow good
layout practices, such as keeping
bypass capacitors close to the
supply pins, keeping output
signals away from input signals,
the use of ground and power
planes, etc. In addition, the
layout of the PCB can also affect
the isolation transient immunity
(CMTI) of the HCPL-7520,
due primarily to stray capacitive
coupling between the input and
the output circuits. To obtain
optimal CMTI performance, the
layout of the PC board should
minimize any stray coupling by
maintaining the maximum
possible distance between the
input and output sides of the
circuit and ensuring that any
ground or power plane on the
PC board does not pass directly
below or extend much wider than
the body of the HCPL-7520.
Figure 17. Recommended HCPL-7520 application circuit.
+
-
MOTOR
HV-
HV+
RSENSE
FLOATING
POSITIVE
SUPPLY
GATE DRIVE
CIRCUIT
HCPL-7520
C2
0.1 µF
C3
0.01 µF
R5
68
R1
1
2
3
4
8
7
6
5
IN
OUT
C1
0.1 µF
U1
78L05
C4
C5
C6
VDD1
VIN+
VIN-
GND1
VDD2
VOUT
VREF
GND2
A/D
VREF
GND
µC
C6 = 150 pF
C4 = C5 = 0.1 µF
+5 V


Similar Part No. - HCPL-7520

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7520 AVAGO-HCPL-7520 Datasheet
231Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520 AVAGO-HCPL-7520 Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520 AVAGO-HCPL-7520 Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520-000E AVAGO-HCPL-7520-000E Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520-060E AVAGO-HCPL-7520-060E Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
More results

Similar Description - HCPL-7520

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7510 AVAGO-HCPL-7510 Datasheet
232Kb / 16P
   Isolated Linear Sensing IC
logo
Agilent(Hewlett-Packard...
HCPL-7510 HP-HCPL-7510 Datasheet
117Kb / 16P
   Isolated Linear Sensing IC
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7520 AVAGO-HCPL-7520 Datasheet
231Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520-000E AVAGO-HCPL-7520-000E Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520-300 AVAGO-HCPL-7520-300 Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520 AVAGO-HCPL-7520 Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
logo
Infineon Technologies A...
IR2171 INFINEON-IR2171 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60192 revG
IR2175 INFINEON-IR2175 Datasheet
109Kb / 7P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60208 Rev. E
logo
International Rectifier
IR2171 IRF-IR2171_06 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com