Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

57-10500 Datasheet(PDF) 3 Page - DDK Ltd.

Part # 57-10500
Description  Ribbon Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

57-10500 Datasheet(HTML) 3 Page - DDK Ltd.

  57-10500 Datasheet HTML 1Page - DDK Ltd. 57-10500 Datasheet HTML 2Page - DDK Ltd. 57-10500 Datasheet HTML 3Page - DDK Ltd. 57-10500 Datasheet HTML 4Page - DDK Ltd. 57-10500 Datasheet HTML 5Page - DDK Ltd. 57-10500 Datasheet HTML 6Page - DDK Ltd. 57-10500 Datasheet HTML 7Page - DDK Ltd. 57-10500 Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Unit:mm
57 Series
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
○ 57-20 Type:Receptacle for Rack and Panel
3
A 0.2
(C)
(2.159)
5 max.
(D)
DDK
57−20XX0
Plug and Receptacle Front Mounting
(14.24.36.50)
2-φ3.05 min. Hole
No.1 contact
No.n contact
5.0 max.
B1
No. n/2+1contact
No. n/2contact
A 0.2
(C)
(2.159)
5 max.
(D)
DDK
57−20XX0
Plug and Receptacle Front Mounting
(14.24.36.50)
2-φ3.05 min. Hole
No.1 contact
No.n contact
5.0 max.
B1
No. n/2+1contact
No. n/2contact
Number of
Contact
Part Number
Dimensions
Solder Cup
Solder DIP
A
B
C
D
14
57-20140
57-20140-8
36.0
43.9
22.9
12.954
24
57-20240
57-20240-8
46.8
54.7
33.7
23.749
36
57-20360
59.7
67.7
46.7
36.703
50
57-20500
57-20500-31
74.9
82.8
61.8
51.816
■ Panel Mounting Dimensions
● Front Mounting Type
■ PCB Mounting Dimensions(Thickness:1.6mm)
Number of
Contact
A
D
E
14
36.0
12.954
29.3
24
46.8
23.749
40.1
36
59.7
53.0
50
74.9
51.816
68.2
4-R 5 max.
4-R 4 max.
コネクタ後面取付穴参考図
コネクタ前面取付穴参考図
57−20XX0
K−508674(2/2)
A 0.1
+0.2
0
E
+0.2
0
E
2-φ3.3 0.1Hole
15
1
2-φ3.3 0.1Hole
A 0.1
4-R 5 max.
4-R 4 max.
コネクタ後面取付穴参考図
コネクタ前面取付穴参考図
57−20XX0
K−508674(2/2)
A 0.1
+0.2
0
E
+0.2
0
E
2-φ3.3 0.1Hole
15
1
2-φ3.3 0.1Hole
A 0.1
● Rear Mounting Type
B 1
4.2
2.159 0.08
(Tolerance must be not cumulated.)
PCB Mounting Dimensions
(Thru-Hole)
2-φ4.6 min. Hole
φ0.7
+0.1
0
Hole
A 0.2
D 0.08
(2.159)
(D)
(C)
(14.24.36.50)
No.1 contact
No.n contact
No. n/2+1contact
No. n/2contact
DDK
57−20XX0-XX
B 1
4.2
2.159 0.08
(Tolerance must be not cumulated.)
PCB Mounting Dimensions
(Thru-Hole)
2-φ4.6 min. Hole
φ0.7
+0.1
0
Hole
A 0.2
D 0.08
(2.159)
(D)
(C)
(14.24.36.50)
No.1 contact
No.n contact
No. n/2+1contact
No. n/2contact
DDK
57−20XX0-XX
4-R 5 max.
4-R 4 max.
A 0.1
+0.2
0
E
+0.2
0
E
2-φ4.6 0.1Hole
15
1
2-φ4.6 0.1Hole
A 0.1
57-20 タイプ基板取付け図
● Front Mounting Type
● Rear Mounting Type
Solder Cup Type
Solder DIP Type
4-R 5 max.
4-R 4 max.
A 0.1
+0.2
0
E
+0.2
0
E
2-φ4.6 0.1Hole
15
1
2-φ4.6 0.1Hole
A 0.1
57-20 タイプ基板取付け図
■ Solder Cup Type
■ Solder DIP Type
*:When the mating connector is 57FE-10 type, the size is 16.2+0.2.
0


Similar Part No. - 57-10500

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57-10500 DDK-57-10500 Datasheet
1,018Kb / 12P
   Basic Version of Ribbon Connectors Solder Type
57-10500-27 DDK-57-10500-27 Datasheet
1,018Kb / 12P
   Basic Version of Ribbon Connectors Solder Type
More results

Similar Description - 57-10500

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
S2B-SR-XX-3-BL-3 ADAM-TECH-S2B-SR-XX-3-BL-3 Datasheet
110Kb / 1P
   RIBBON CONNECTOR SOCKET
S2B-SR-XXX-2-BL-3 ADAM-TECH-S2B-SR-XXX-2-BL-3 Datasheet
145Kb / 1P
   RIBBON CONNECTOR SOCKET
logo
Hirose Electric
HIF4-16D-3.18R HIROSE-HIF4-16D-3.18R Datasheet
728Kb / 7P
   Ribbon Cable Connector
logo
Adam Technologies, Inc.
MR50-PD ADAM-TECH-MR50-PD Datasheet
99Kb / 1P
   MINIATURE RIBBON CONNECTOR
S2B-SR-XXX-3-BL-3 ADAM-TECH-S2B-SR-XXX-3-BL-3 Datasheet
108Kb / 1P
   RIBBON CONNECTOR SOCKET
S2B-SR-XXX-2-TFA-1 ADAM-TECH-S2B-SR-XXX-2-TFA-1 Datasheet
146Kb / 1P
   RIBBON CONNECTOR SOCKET
S2B-SV-XX-3-3 ADAM-TECH-S2B-SV-XX-3-3 Datasheet
93Kb / 1P
   RIBBON CONNECTOR SOCKET
logo
Hirose Electric
HIF3A-10D-2.54R HIROSE-HIF3A-10D-2.54R Datasheet
111Kb / 2P
   High Performance Ribbon Cable Connector
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Adam Technologies, Inc.
MR50-PF-HD-4P ADAM-TECH-MR50-PF-HD-4P Datasheet
95Kb / 1P
   RIBBON 50P CABLE PLUG CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com