Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC11070100A Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # PC11070100A
Description  TheStripe PCB Dual-band 2.4 / 5.2 GHz antenna
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PC11070100A Datasheet(HTML) 3 Page - Taoglas antenna solutions

  PC11070100A Datasheet HTML 1Page - Taoglas antenna solutions PC11070100A Datasheet HTML 2Page - Taoglas antenna solutions PC11070100A Datasheet HTML 3Page - Taoglas antenna solutions PC11070100A Datasheet HTML 4Page - Taoglas antenna solutions PC11070100A Datasheet HTML 5Page - Taoglas antenna solutions PC11070100A Datasheet HTML 6Page - Taoglas antenna solutions PC11070100A Datasheet HTML 7Page - Taoglas antenna solutions PC11070100A Datasheet HTML 8Page - Taoglas antenna solutions PC11070100A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPE-11-8-055/D
Page 3 of 10
2.Specification
ELECTRICAL
Frequency
2.4 ~ 2.5GHz,
4.9 ~ 5.9GHz
Peak Gain (free space)
3dBi
4.5dBi
Average Gain (on plastic)
-0.6dBi
-0.5dBI
Efficiency (free space)
85%
88%
Polarization
Linear
Impedance
50 Ohms
Radiation Pattern
Omni
Input Power
2W max.
MECHANICAL
Dimensions
66 x 16 x 0.8 mm
Antenna Body Material
FR4
Cable
Black 100mm 1.13 co-axial
Connector
IPEX MHFI
Weight
2g
ENVIRONMENTAL
Temperature Range
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH


Similar Part No. - PC11070100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC11070100A ETC2-PC11070100A Datasheet
259Kb / 9P
   PCB Dual-band 2.4 / 5.2 GHz antenna
More results

Similar Description - PC11070100A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC11090100A TAOGLAS-PC11090100A Datasheet
344Kb / 10P
   TheStripe PCB Dual-band 2.4 / 5.2 GHz antenna
logo
List of Unclassifed Man...
PC11070100A ETC2-PC11070100A Datasheet
259Kb / 9P
   PCB Dual-band 2.4 / 5.2 GHz antenna
PC11090100A ETC2-PC11090100A Datasheet
277Kb / 9P
   PCB Dual-band 2.4 / 5.2 GHz antenna
logo
Taoglas antenna solutio...
PC14033000D TAOGLAS-PC14033000D Datasheet
741Kb / 9P
   Circular Dual-Band 2.4~5.2GHz PCB antenna
PC91070100A TAOGLAS-PC91070100A Datasheet
905Kb / 11P
   Thestripe 915Mhz PCB Antenna
logo
Abracon Corporation
ACAG0301-24505500-T ABRACON-ACAG0301-24505500-T Datasheet
8Mb / 6P
   Dual band (2.4 GHz & 5.5 GHz) WiFi/Bluetooth Chip Antenna
06.21.2018
logo
Level One
WAN-1160 LVL1-WAN-1160 Datasheet
188Kb / 2P
   6dBi/ 8dBi Dual-Band 2.4/5 GHz Directional Antenna
logo
Johanson Technology Inc...
0900AD47A2450 JOHANSON-0900AD47A2450 Datasheet
959Kb / 12P
   Dual Band 868-928 MHz/2.4 GHz Chip Antenna
logo
World Produts Inc.
WPANT30015-SA WPI-WPANT30015-SA Datasheet
257Kb / 4P
   915 MHz & 2.4 GHz Dual-band Body-mount Antenna
WPANT30015-SA WPI-WPANT30015-SA_15 Datasheet
250Kb / 4P
   915 MHz & 2.4 GHz Dual-band Body-mount Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com