Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISA01A301111 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # ISA01A301111
Description  Wide-band Omni-directional Low Profile 400~470MHz Adhesive Glass Mount Antenna
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ISA01A301111 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  ISA01A301111 Datasheet HTML 1Page - Taoglas antenna solutions ISA01A301111 Datasheet HTML 2Page - Taoglas antenna solutions ISA01A301111 Datasheet HTML 3Page - Taoglas antenna solutions ISA01A301111 Datasheet HTML 4Page - Taoglas antenna solutions ISA01A301111 Datasheet HTML 5Page - Taoglas antenna solutions ISA01A301111 Datasheet HTML 6Page - Taoglas antenna solutions ISA01A301111 Datasheet HTML 7Page - Taoglas antenna solutions ISA01A301111 Datasheet HTML 8Page - Taoglas antenna solutions ISA01A301111 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SPE-13-8-005/C/EZ Page 1 of 11
SPECIFICATION
Part No.
:
ISA.01.A.301111
Product Name
:
Wide-band Omni-directional Low Profile 400~470MHz Adhesive
Glass Mount Antenna
For ISM/ TETRA/CDMA 450/ SCADA
Family Radio Service/General Mobile Radio Service/Bio-Medical
Telemetry
Features
:
239mm x 42mm x 11mm
1.5dBi gain, 35%+ efficiency
Omni-Directional
Stable Wide-band response from 400Mhz to 470MHz
Semi-Flexible, Low profile IP67 Waterproof Housing
Standard 3 meters RG174 cable
Automotive Approved 3M Adhesive
SMA (M) Connector
RoHS Compliant


Similar Part No. - ISA01A301111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISA01A301111 ETC2-ISA01A301111 Datasheet
557Kb / 10P
   Wide-band Omni-directional Low Profile 400~470MHz Adhesive
More results

Similar Description - ISA01A301111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISA01A301111 ETC2-ISA01A301111 Datasheet
557Kb / 10P
   Wide-band Omni-directional Low Profile 400~470MHz Adhesive
logo
Taoglas antenna solutio...
G50A0305E151 TAOGLAS-G50A0305E151 Datasheet
996Kb / 10P
   Wide Band Adhesive Mount Antenna 700-600Mhz.
logo
List of Unclassifed Man...
ISA06A301111 ETC2-ISA06A301111 Datasheet
826Kb / 10P
   0dBi 400~470MHz UHF Band Low Profile
logo
World Produts Inc.
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
   900 MHz ISM band Omni-directional Antenna
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
   900 MHz ISM band Omni-Directional Antenna
WPANT30115 WPI-WPANT30115 Datasheet
115Kb / 3P
   900 MHz ISM band Omni-directional Antenna
logo
Pulse A Technitrol Comp...
W5067 PULSE-W5067 Datasheet
490Kb / 7P
   Radome Omni ??Omni directional Antenna
logo
Maxtena Inc.
MEA-960-LTE MAXTENA-MEA-960-LTE Datasheet
617Kb / 4P
   OMNI-DIRECTIONAL ANTENNA
REV A
MEA-UWB-LTE-90 MAXTENA-MEA-UWB-LTE-90 Datasheet
1Mb / 5P
   OMNI-DIRECTIONAL ANTENNA
REV A
logo
Pulse A Technitrol Comp...
W1920 PULSE-W1920 Datasheet
328Kb / 3P
   Omni Directional Blade Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com