Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXR07520075XA Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # FXR07520075XA
Description  Circular Flexible Near-Field Communications Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXR07520075XA Datasheet(HTML) 1 Page - Taoglas antenna solutions

  FXR07520075XA Datasheet HTML 1Page - Taoglas antenna solutions FXR07520075XA Datasheet HTML 2Page - Taoglas antenna solutions FXR07520075XA Datasheet HTML 3Page - Taoglas antenna solutions FXR07520075XA Datasheet HTML 4Page - Taoglas antenna solutions FXR07520075XA Datasheet HTML 5Page - Taoglas antenna solutions FXR07520075XA Datasheet HTML 6Page - Taoglas antenna solutions FXR07520075XA Datasheet HTML 7Page - Taoglas antenna solutions FXR07520075XA Datasheet HTML 8Page - Taoglas antenna solutions FXR07520075XA Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SPE-15-8-077/B/CM
Page 1 of 11
SPECIFICATION
Part No.
: FXR.07.52.0075X.A
Product Name
: Circular Flexible Near-Field Communications
Antenna with 75mm Twisted Pair 28AWG Cable
and ACH(F) connector
Features
: 13.56 MHz Antenna
Flexible Low Profile Embedded Antenna
Diameter: 45.5 mm
Thickness: 0.24 mm
Peel and stick 3M adhesive on back
75mm Twisted Pair 28AWG Cable with Teflon
and ACH(F) Connector
RoHS Compliant


Similar Part No. - FXR07520075XA

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR07A TAOGLAS-FXR07A Datasheet
6Mb / 10P
   Circular Near-Field Communications Antenna
More results

Similar Description - FXR07520075XA

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR06520075XA TAOGLAS-FXR06520075XA Datasheet
1Mb / 10P
   Square Flexible Near-Field Communications Ferrite Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
FXR08520075XA TAOGLAS-FXR08520075XA Datasheet
1Mb / 10P
   Rectangular Flexible Near-Field Communications Ferrite Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
FXR07A TAOGLAS-FXR07A Datasheet
6Mb / 10P
   Circular Near-Field Communications Antenna
FXR05A TAOGLAS-FXR05A Datasheet
1Mb / 10P
   Small Form Factor Circular Flexible Near-Field Communications Antenna
FXR01070100CA TAOGLAS-FXR01070100CA Datasheet
1Mb / 10P
   Flexible Near-Field Communications Reader Antenna
logo
List of Unclassifed Man...
FXR01070100CA ETC2-FXR01070100CA Datasheet
1Mb / 9P
   Flexible Near-Field Communications Reader Antenna
logo
Taoglas antenna solutio...
FXR06A TAOGLAS-FXR06A Datasheet
1Mb / 10P
   Square Flexible Near-Field Communications Antenna
FXR08A TAOGLAS-FXR08A Datasheet
1Mb / 10P
   Rectangular Flexible Near-Field Communications Antenna
logo
List of Unclassifed Man...
FXT01A ETC2-FXT01A Datasheet
241Kb / 7P
   Flexible PCB Near-Field Communications Tag Antenna
logo
Taoglas antenna solutio...
FXR.07.52.0075X.A.DG TAOGLAS-FXR.07.52.0075X.A.DG Datasheet
4Mb / 10P
   Circular Near-Field Communications Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com