Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXR06520075XA Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # FXR06520075XA
Description  Square Flexible Near-Field Communications Ferrite Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXR06520075XA Datasheet(HTML) 4 Page - Taoglas antenna solutions

  FXR06520075XA Datasheet HTML 1Page - Taoglas antenna solutions FXR06520075XA Datasheet HTML 2Page - Taoglas antenna solutions FXR06520075XA Datasheet HTML 3Page - Taoglas antenna solutions FXR06520075XA Datasheet HTML 4Page - Taoglas antenna solutions FXR06520075XA Datasheet HTML 5Page - Taoglas antenna solutions FXR06520075XA Datasheet HTML 6Page - Taoglas antenna solutions FXR06520075XA Datasheet HTML 7Page - Taoglas antenna solutions FXR06520075XA Datasheet HTML 8Page - Taoglas antenna solutions FXR06520075XA Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SPE-15-8-074/B/CM
Page 4 of 10
3.
Antenna Application
3.1. Test setup
A test fixture is used to measure the maximum interrogation distance. The
FXR.06.52.0075X.A.dg antenna is connected to a NFC evaluation board and then
placed on the fixed part of the fixture.
The test sample is placed on a thin sheet of plastic connected to the movable part of
the fixture. Then the distance is carefully adjusted until the reader can no longer read
the sample, thus the maximum interrogation distance is displayed in the ruler.
Evaluation
Board
Measuring
Scale
Test
Fixture
Measurement
Arm
Antenna
RFID Reader
Module
Passively
Powered Tag
Sample on thin
plastic sheet


Similar Part No. - FXR06520075XA

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR06A TAOGLAS-FXR06A Datasheet
1Mb / 10P
   Square Flexible Near-Field Communications Antenna
More results

Similar Description - FXR06520075XA

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR08520075XA TAOGLAS-FXR08520075XA Datasheet
1Mb / 10P
   Rectangular Flexible Near-Field Communications Ferrite Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
FXR07520075XA TAOGLAS-FXR07520075XA Datasheet
1Mb / 11P
   Circular Flexible Near-Field Communications Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
FXR06A TAOGLAS-FXR06A Datasheet
1Mb / 10P
   Square Flexible Near-Field Communications Antenna
FXR01070100CA TAOGLAS-FXR01070100CA Datasheet
1Mb / 10P
   Flexible Near-Field Communications Reader Antenna
logo
List of Unclassifed Man...
FXR01070100CA ETC2-FXR01070100CA Datasheet
1Mb / 9P
   Flexible Near-Field Communications Reader Antenna
logo
Taoglas antenna solutio...
FXR08A TAOGLAS-FXR08A Datasheet
1Mb / 10P
   Rectangular Flexible Near-Field Communications Antenna
logo
List of Unclassifed Man...
FXT01A ETC2-FXT01A Datasheet
241Kb / 7P
   Flexible PCB Near-Field Communications Tag Antenna
logo
Taoglas antenna solutio...
FXR05A TAOGLAS-FXR05A Datasheet
1Mb / 10P
   Small Form Factor Circular Flexible Near-Field Communications Antenna
FXR07A TAOGLAS-FXR07A Datasheet
6Mb / 10P
   Circular Near-Field Communications Antenna
FXR.07.52.0075X.A.DG TAOGLAS-FXR.07.52.0075X.A.DG Datasheet
4Mb / 10P
   Circular Near-Field Communications Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com