Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DXP02A Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # DXP02A
Description  SMD L1/L2/L5 SAW Diplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

DXP02A Datasheet(HTML) 3 Page - Taoglas antenna solutions

  DXP02A Datasheet HTML 1Page - Taoglas antenna solutions DXP02A Datasheet HTML 2Page - Taoglas antenna solutions DXP02A Datasheet HTML 3Page - Taoglas antenna solutions DXP02A Datasheet HTML 4Page - Taoglas antenna solutions DXP02A Datasheet HTML 5Page - Taoglas antenna solutions DXP02A Datasheet HTML 6Page - Taoglas antenna solutions DXP02A Datasheet HTML 7Page - Taoglas antenna solutions DXP02A Datasheet HTML 8Page - Taoglas antenna solutions DXP02A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SPE-17-8-007/A/AW
Page 3 of 14
2. Specification
Band 1 (L1)
Min.
Typ.
Max.
Center Frequency (MHz)
-
1582.1875
-
Insertion Loss (dB)
-
3.8
4.6
Amplitude Ripple (dB)
-
0.6
2.0
Return Loss (dB)
-
-13
-6.0
Attenuation (Reference level from 0dB)
10 ~ 1330 (MHz)
32
38
-
1660 ~ 2000 (MHz)
27
33
-
Band 2 (L2 and L5)
Min.
Typ.
Max.
Center frequency (MHz)
-
1206.9225
-
Insertion Loss (dB)
-
4.2
5.2
Amplitude Ripple (dB)
-
1.2
2.5
Return Loss (dB)
-
-8
-6
Attenuation (Reference level from 0dB)
10 ~ 1100 (MHz)
17
23
-
1320 ~ 2000 (MHz)
20
28
-
Band 1 and Band 2
Min.
Typ.
Max.
Isolation (1196.9~1248.625MHz)
22
35
-
Isolation (1574.22~1576.62 dB)
22
31
-
Environmental
Operating Temperature
-40°C to 85°C
Storage Temperature
-40°C to 85°C
Input power Level
10 dBm
DC Voltage
3 V


Similar Part No. - DXP02A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
DXP01A TAOGLAS-DXP01A Datasheet
578Kb / 11P
   SMD L1/L2 SAW Diplexer For GPS/GALILEO L1, GLONASS L2 & BeiDou B2
More results

Similar Description - DXP02A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
DXP01A TAOGLAS-DXP01A Datasheet
578Kb / 11P
   SMD L1/L2 SAW Diplexer For GPS/GALILEO L1, GLONASS L2 & BeiDou B2
logo
Qorvo, Inc
QPQ1063 QORVO-QPQ1063 Datasheet
524Kb / 10P
   L1/L2 Low Loss GPS SAW Diplexer
logo
Pulse A Technitrol Comp...
W3089 PULSE-W3089 Datasheet
1Mb / 14P
   3-in-1 Combo GNSS L1L2L5 Ceramic SMD Antenna
logo
AVX Corporation
M830120 AVX-M830120 Datasheet
982Kb / 9P
   GNSS or GPS L1/L2/L5/L6 Ceramic Antenna
3/31/2022
logo
Maxtena Inc.
MEA-1400-MM MAXTENA-MEA-1400-MM Datasheet
1Mb / 3P
   GNSS/L1/L5 Magnetic Mount
REV A
MPA-258-L1-L5 MAXTENA-MPA-258-L1-L5 Datasheet
1Mb / 3P
   GPS L1 L5 MICROSTRIP ANTENNA
REV A
logo
AVX Corporation
1005621 AVX-1005621 Datasheet
684Kb / 5P
   GPS L1 & L5 Ceramic PatchAntenna
9/12/2022 Rev. 0
logo
American Accurate Compo...
JXTXGPS-L1L2 AAC-JXTXGPS-L1L2 Datasheet
143Kb / 1P
   GPS L1/L2 Survey Antenna
JXTXGPS-L1L2-GN AAC-JXTXGPS-L1L2-GN Datasheet
111Kb / 1P
   GPS & GNSS L1/L2 Antenna
logo
Taoglas antenna solutio...
FXP612070095A TAOGLAS-FXP612070095A Datasheet
850Kb / 14P
   FXP612 Flexible Polymer GPS L1 / GPS L2 / GPS L5 / GALILEO / GLONASS G1 / BEIDOU Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com