Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DXP01A Datasheet(PDF) 9 Page - Taoglas antenna solutions

Part # DXP01A
Description  SMD L1/L2 SAW Diplexer For GPS/GALILEO L1, GLONASS L2 & BeiDou B2
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

DXP01A Datasheet(HTML) 9 Page - Taoglas antenna solutions

Back Button DXP01A Datasheet HTML 3Page - Taoglas antenna solutions DXP01A Datasheet HTML 4Page - Taoglas antenna solutions DXP01A Datasheet HTML 5Page - Taoglas antenna solutions DXP01A Datasheet HTML 6Page - Taoglas antenna solutions DXP01A Datasheet HTML 7Page - Taoglas antenna solutions DXP01A Datasheet HTML 8Page - Taoglas antenna solutions DXP01A Datasheet HTML 9Page - Taoglas antenna solutions DXP01A Datasheet HTML 10Page - Taoglas antenna solutions DXP01A Datasheet HTML 11Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SPE-17-8-006/A/AW
Page 9 of 11
5. Recommended Reflow Profile
1. Preheating shall be fixed at 150~180°C for 60~90 seconds.
2. Ascending time to preheating temperature 150°C shall be 30 seconds minimum.
3. Heating shall be fixed at 220°C for 50~80 seconds and 260°C as the peak for 20-40
seconds.
4. Time: 2 times.


Similar Part No. - DXP01A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
DXP02A TAOGLAS-DXP02A Datasheet
571Kb / 14P
   SMD L1/L2/L5 SAW Diplexer
More results

Similar Description - DXP01A

ManufacturerPart #DatasheetDescription
logo
Tallysman Wireless Inc.
TW8889 TALLYSMAN-TW8889 Datasheet
225Kb / 2P
   GPS L1/L2 GLONASS G1/G2/G3 BeiDou B1/B2 Galileo E1/E5b
TW7882 TALLYSMAN-TW7882 Datasheet
207Kb / 2P
   TW7882 GPS L1/L2 GLONASS G1/G2 BeiDou B1/B2 Galileo E1/E5b
TW3882 TALLYSMAN-TW3882 Datasheet
215Kb / 2P
   TW3882 GPS L1/L2 GLONASS G1/G2/G3 BeiDou B1/B2 Galileo E1/E5b
logo
Maxtena Inc.
M7HCT-A-SMA MAXTENA-M7HCT-A-SMA Datasheet
1Mb / 6P
   L1: GPS, GLONASS, GALILEO, BEIDOU
June 12, 2021
M1593CWT MAXTENA-M1593CWT Datasheet
2Mb / 5P
   L1: GPS, GLONASS, GALILEO, BEIDOU
REV A
M9706CWT-UFL MAXTENA-M9706CWT-UFL Datasheet
1Mb / 6P
   L1: GPS, GLONASS, GALILEO, BEIDOU
April 6, 2019
M9706CWT MAXTENA-M9706CWT Datasheet
1Mb / 6P
   L1: GPS, GLONASS, GALILEO, BEIDOU
June 12, 2019
M9708CWT MAXTENA-M9708CWT Datasheet
1Mb / 7P
   L1: GPS, GLONASS, GALILEO, BEIDOU
June 28, 2020
M4HCT-A-SMA MAXTENA-M4HCT-A-SMA Datasheet
843Kb / 4P
   L1: GPS, GLONASS, GALILEO, BEIDOU
logo
Tallysman Wireless Inc.
TW3887 TALLYSMAN-TW3887 Datasheet
201Kb / 2P
   TW3887 GPS L1/L2 GLONASS G1/G2/G3 BeiDou B1/B2 Galileo E1/E5b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com