Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GXB1000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GXB1000
Description  Industry?셲 Smallest GPS Receiver Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GXB1000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GXB1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers GXB1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industry’s Smallest GPS Receiver Module
GXB1000
GXB2000
By adopting a newly developed DSP (the Sony CXD2931R) and high-
density mounting technology, Sony has succeeded in developing the
industry’s smallest mass produced GPS receiver.
In particular, the GXB2000 incorporates all the functionality except the
antenna required for a GPS receiver on a mere 36.5
× 25.0 mm printed
circuit board.
This receiver is not only for use in car navigation systems, but rather
its significance lies in the point that it vastly expands the world of GPS
applications to a wide range of portable equipment.
s
Industry’s smallest GPS receiver
s
Parallel 16-channel GPS receiver
that can receive signal from up
to 16 GPS satellites at the same
time.
s
Supports both all-in-view and
two-satellite positioning.
s
Support for differential GPS
s
Thin-form ultralight pack-type
package
s
Measures for reducing EMI
(electromagnetic interference)
provided
Industry’s Smallest
GPS Receiver
By adopting a newly developed GPS
processor (the Sony CXD2931R) and
Sony’s unique high-level high-density
mounting technology, Sony has
succeeded in developing the industry’s
smallest mass produced GPS receiver.
The GXB2000 incorporates all the func-
tionality except the antenna required for
a GPS receiver on a 36.5
× 25.0 mm
printed circuit board. This allows a GPS
receiver to be incorporated easily into
portable equipment in which it was pre-
viously difficult to do so.
Sixteen-Channel
GPS Receiver
The CXD2931R is capable of receiv-
ing signals from 16 satellites at the same
time. These 16 channels will become
useful when the number of GPS satel-
lites is increased from the current 27.
Support for multiple channels can
reduce the time to first fix (TTFF).
Both All-in-View and
Two-Satellite Positioning
These receivers adopt the all-in-view
positioning technique, in which data
from all satellites from which signals are
received is used in the positioning
calculation. This method increases the
positioning accuracy. They also support
the two-satellite positioning technique
that can increase the positioning success
ratio when signals can only be received
from two satellites in locations with
inferior reception conditions, such as on
streets with tall buildings.
Differential GPS Support
The differential GPS allows the posi-
tioning accuracy to increase approxi-
mately 10 times compared with GPS
alone by converting the correction data
from the GPS satellites obtained at the
base stations in the DARC or RTCM
format.
Thin-Form Ultralight Pack-
Type Package
Both the GXB1000 and the GXB2000
are provided in a shielded case that
achieves a thickness of a mere 7.4 mm.
Measures for Reducing
EMI (electromagnetic
interference) Provided
The generation of EMI is held to a mini-
mum by enclosing the whole GPS
receiver in a shielded case.
VOICE
We designed this receiver based
on the idea that if made smaller,
GPS receivers could be used in a
wide range of applications in ad-
dition to in-car navigation sys-
tems. In the future, we will be aim-
ing for even smaller even lower
power receivers. Recently, I’ve
come to feel even more strongly
that GPS development has only
just begun.


Similar Part No. - GXB1000

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
GXB2000 SONY-GXB2000 Datasheet
289Kb / 60P
   16-Channel GPS Receiver Module
GXB5005 SONY-GXB5005 Datasheet
131Kb / 12P
   SMD Type GPS Receiver Module
GXB5205 SONY-GXB5205 Datasheet
203Kb / 13P
   Antenna Embedded GPS Receiver Module
GXB5210 SONY-GXB5210 Datasheet
204Kb / 13P
   Antenna Embedded GPS Receiver Module
logo
ODU GmbH & Co.KG
GXBMFG-P04LTS0-0001 ODU-GXBMFG-P04LTS0-0001 Datasheet
419Kb / 2P
   ODU MEDI-SNAP®, Receptacle for rear panel mounting
230221
More results

Similar Description - GXB1000

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2525 INFINEON-PMB2525 Datasheet
148Kb / 2P
   The Industry?셲 Highest Performance GPS Receiver in the smallest package yet.
logo
List of Unclassifed Man...
TIM-LC ETC2-TIM-LC Datasheet
510Kb / 15P
   GPS Receiver Module
ITRAX02 ETC2-ITRAX02 Datasheet
871Kb / 2P
   GPS RECEIVER MODULE
logo
Epson Company
S4E39860 EPSON-S4E39860 Datasheet
28Kb / 2P
   GPS Receiver Module
logo
Microchip Technology
USB3329C-GL-TR MICROCHIP-USB3329C-GL-TR Datasheet
1Mb / 79P
   Industry?셲 Smallest Hi-Speed USB Transceiver with 1.8V ULPI Interface
Revision 1.1 11-20-12
USB3322C-GL-TR MICROCHIP-USB3322C-GL-TR Datasheet
1Mb / 79P
   Industry?셲 Smallest Hi-Speed USB Transceiver with 1.8V ULPI Interface
Revision 1.1 11-20-12
USB333X MICROCHIP-USB333X Datasheet
1Mb / 85P
   Industry?셲 Smallest Hi-Speed USB Transceiver with Single Supply Operation
03/25/14
logo
Yuechung International ...
YIC31612EBGG YIC-YIC31612EBGG Datasheet
1Mb / 18P
   GPS & GLONASS Receiver Module
YIC51513EBGG-33 YIC-YIC51513EBGG-33 Datasheet
629Kb / 17P
   GPS & GLONASS Receiver Module
YIC51009EBGG-33 YIC-YIC51009EBGG-33 Datasheet
1Mb / 16P
   GPS & GLONASS Receiver Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com