Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT30J101 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # GT30J101
Description  Silicon N Channel IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT30J101 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  GT30J101 Datasheet HTML 1Page - Toshiba Semiconductor GT30J101 Datasheet HTML 2Page - Toshiba Semiconductor GT30J101 Datasheet HTML 3Page - Toshiba Semiconductor GT30J101 Datasheet HTML 4Page - Toshiba Semiconductor GT30J101 Datasheet HTML 5Page - Toshiba Semiconductor GT30J101 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GT30J101
2002-01-18
1
TOSHIBA Insulated Gate Bipolar Transistor
Silicon N Channel IGBT
GT30J101
High Power Switching Applications
• The 3rd Generation
• Enhancement-Mode
• High Speed: tf = 0.30 µs (max)
• Low Saturation Voltage: VCE (sat) = 2.7 V (max)
Maximum Ratings (Ta
==== 25°C)
Characteristic
Symbol
Rating
Unit
Collector-emitter voltage
VCES
600
V
Gate-emitter voltage
VGES
±20
V
DC
IC
30
Collector current
1 ms
ICP
60
A
Collector power dissipation
(Tc
= 25°C)
PC
155
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Unit: mm
JEDEC
JEITA
TOSHIBA
2-16C1C
Weight: 4.6 g
Preliminary


Similar Part No. - GT30J101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT30J101 TOSHIBA-GT30J101 Datasheet
193Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
GT30J101 TOSHIBA-GT30J101 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
GT30J101 TOSHIBA-GT30J101_06 Datasheet
193Kb / 6P
   Silicon N Channel IGBT High Power Switching Applications
More results

Similar Description - GT30J101

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH12 HITACHI-2SH12 Datasheet
43Kb / 8P
   Silicon N-Channel IGBT
2SH17 HITACHI-2SH17 Datasheet
41Kb / 8P
   Silicon N-Channel IGBT
logo
Toshiba Semiconductor
MIG75J101H TOSHIBA-MIG75J101H Datasheet
198Kb / 8P
   Silicon N Channel IGBT
logo
Hitachi Semiconductor
2SH11 HITACHI-2SH11 Datasheet
41Kb / 8P
   Silicon N-Channel IGBT
2SH13 HITACHI-2SH13 Datasheet
43Kb / 8P
   Silicon N-Channel IGBT
MBN400C20 HITACHI-MBN400C20 Datasheet
63Kb / 4P
   Silicon N-channel IGBT
2SH15 HITACHI-2SH15 Datasheet
43Kb / 8P
   Silicon N-Channel IGBT
2SH22 HITACHI-2SH22 Datasheet
42Kb / 8P
   Silicon N-Channel IGBT
MBN400C33A HITACHI-MBN400C33A Datasheet
56Kb / 4P
   Silicon N-channel IGBT
2SH16 HITACHI-2SH16 Datasheet
42Kb / 8P
   Silicon N-Channel IGBT
2SH18 HITACHI-2SH18 Datasheet
43Kb / 8P
   Silicon N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com