Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC2512A Datasheet(PDF) 6 Page - International Rectifier

Part # GBPC2512A
Description  SINGLE PHASE BRIDGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GBPC2512A Datasheet(HTML) 6 Page - International Rectifier

  GBPC2512A Datasheet HTML 1Page - International Rectifier GBPC2512A Datasheet HTML 2Page - International Rectifier GBPC2512A Datasheet HTML 3Page - International Rectifier GBPC2512A Datasheet HTML 4Page - International Rectifier GBPC2512A Datasheet HTML 5Page - International Rectifier GBPC2512A Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GBPC.. Series
6
Bulletin I27505 rev. E 02/01
www.irf.com
Fig. 11 - Thermal Impedance Z
thJC Characteristic
Square Wave Pulse Duration (s)
Square Wave Pulse Duration (s)
Fig. 12 - Thermal Impedance Z
thJC Characteristic
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
GBPC25.. Series
Steady State Value
R
= 1.7 K/W
(DC Operation)
thJC
.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
GBPC35.. Series
Steady State Value
R
= 1.4 K/W
(DC Operation)
thJC
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 02/01


Similar Part No. - GBPC2512A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GBPC2512A IRF-GBPC2512A Datasheet
73Kb / 6P
   SINGLE PHASE BRIDGE Power Modules
logo
Vishay Siliconix
GBPC2512A VISHAY-GBPC2512A Datasheet
129Kb / 7P
   Single Phase Bridge (Power Modules), 25/35 A
Revision: 29-Sep-08
More results

Similar Description - GBPC2512A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MB05A IRF-26MB05A Datasheet
50Kb / 6P
   SINGLE PHASE BRIDGE
26MB IRF-26MB Datasheet
46Kb / 6P
   SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0038D SSDI-RA0038D Datasheet
120Kb / 2P
   SINGLE PHASE BRIDGE
RA0009 SSDI-RA0009 Datasheet
58Kb / 2P
   SINGLE PHASE BRIDGE
logo
International Rectifier
36MB160A IRF-36MB160A Datasheet
74Kb / 6P
   SINGLE PHASE BRIDGE
GBPC IRF-GBPC Datasheet
131Kb / 6P
   SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0008 SSDI-RA0008 Datasheet
26Kb / 2P
   SINGLE PHASE BRIDGE
RA0011B SSDI-RA0011B Datasheet
108Kb / 2P
   SINGLE PHASE BRIDGE
RH0237 SSDI-RH0237 Datasheet
27Kb / 2P
   SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D_15 Datasheet
120Kb / 2P
   SINGLE PHASE BRIDGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com