Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7002PT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 2N7002PT
Description  Logic-level compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2N7002PT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 2N7002PT Datasheet HTML 2Page - NXP Semiconductors 2N7002PT Datasheet HTML 3Page - NXP Semiconductors 2N7002PT Datasheet HTML 4Page - NXP Semiconductors 2N7002PT Datasheet HTML 5Page - NXP Semiconductors 2N7002PT Datasheet HTML 6Page - NXP Semiconductors 2N7002PT Datasheet HTML 7Page - NXP Semiconductors 2N7002PT Datasheet HTML 8Page - NXP Semiconductors 2N7002PT Datasheet HTML 9Page - NXP Semiconductors 2N7002PT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2N7002PT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 2 July 2010
6 of 16
NXP Semiconductors
2N7002PT
60 V, 310 mA N-channel Trench MOSFET
7.
Characteristics
[1]
Pulse test: tp  300 s;  0.01.
Table 7.
Characteristics
Tj =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID =10 A; VGS = 0 V
60
--V
VGS(th)
gate-source threshold
voltage
ID =250 A; VDS =VGS
1.1
1.75
2.4
V
IDSS
drain leakage current
VDS =60V; VGS =0V
Tj =25 C
--1
A
Tj = 150 C
--10
A
IGSS
gate leakage current
VGS = 20 V; VDS = 0 V
-
-
100
nA
RDSon
drain-source on-state
resistance
[1]
VGS =5V; ID =50mA
-
1.3
2
VGS =10V; ID =500 mA
-
1
1.6
gfs
forward
transconductance
VDS =10V; ID = 200 mA [1] -
400
-
mS
Dynamic characteristics
QG(tot)
total gate charge
ID =300 mA;
VDS =30V;
VGS =4.5 V
-0.6
0.8
nC
QGS
gate-source charge
-
0.2
-
nC
QGD
gate-drain charge
-
0.2
-
nC
Ciss
input capacitance
VGS =0V; VDS =10V;
f=1MHz
-
3050pF
Coss
output capacitance
-
7
-
pF
Crss
reverse transfer
capacitance
-4
-pF
td(on)
turn-on delay time
VDD =50V;
RL =250 ;
VGS =10V;
RG =6 
-
36ns
tr
rise time
-4
-ns
td(off)
turn-off delay time
-
10
20
ns
tf
fall time
-
5
-
ns
Source-drain diode
VSD
source-drain voltage
IS =115 mA; VGS = 0 V
0.47
0.75
1.1
V


Similar Part No. - 2N7002PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
2N7002PT CHENMKO-2N7002PT Datasheet
191Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Sirectifier Global Corp...
2N7002PT SIRECT-2N7002PT Datasheet
184Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor - 0.25Amp 60Volt
logo
Nexperia B.V. All right...
2N7002PT NEXPERIA-2N7002PT Datasheet
430Kb / 17P
   60 V, 310 mA N-channel Trench MOSFET
Rev. 1 - 2 July 2010
More results

Similar Description - 2N7002PT

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM232SA LEIDITECH-LM232SA Datasheet
3Mb / 10P
   Driver input is compatible with TTL/CMOS logic level
logo
International Rectifier
IRLR2905ZTRPBF IRF-IRLR2905ZTRPBF Datasheet
333Kb / 11P
   Logic Level
logo
E-Tech Electronics LTD
MC74VHC1GT50 ETL-MC74VHC1GT50 Datasheet
575Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHCT50A ONSEMI-MC74VHCT50A Datasheet
76Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
July, 2001??Rev. 3
logo
Leshan Radio Company
L74VHC1GT04 LRC-L74VHC1GT04 Datasheet
372Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
MC74VHC1GT50 LRC-MC74VHC1GT50 Datasheet
205Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT125 ONSEMI-MC74VHC1GT125 Datasheet
105Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
December, 2003 ??Rev. 8
logo
E-Tech Electronics LTD
MC74VHC1GT04 ETL-MC74VHC1GT04 Datasheet
581Kb / 4P
   Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
Unisonic Technologies
UT131 UTC-UT131 Datasheet
189Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BUK9222-55A PHILIPS-BUK9222-55A Datasheet
294Kb / 13P
   TrenchMOS logic level
Rev. 01-17 April 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com