Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPC25A070150C Datasheet(PDF) 6 Page - Taoglas antenna solutions

Part # WPC25A070150C
Description  2.4GHz Ceramic Patch Antenna on integral ground
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

WPC25A070150C Datasheet(HTML) 6 Page - Taoglas antenna solutions

Back Button WPC25A070150C Datasheet HTML 2Page - Taoglas antenna solutions WPC25A070150C Datasheet HTML 3Page - Taoglas antenna solutions WPC25A070150C Datasheet HTML 4Page - Taoglas antenna solutions WPC25A070150C Datasheet HTML 5Page - Taoglas antenna solutions WPC25A070150C Datasheet HTML 6Page - Taoglas antenna solutions WPC25A070150C Datasheet HTML 7Page - Taoglas antenna solutions WPC25A070150C Datasheet HTML 8Page - Taoglas antenna solutions WPC25A070150C Datasheet HTML 9Page - Taoglas antenna solutions WPC25A070150C Datasheet HTML 10Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SPE-11-8-130/G/SS
Page 6 of 10
4.2 XZ plane
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
2400M H z
2420M H z
2440M H z
2460M H z
2480M H z
2500M H z
4.3 YZ plane
-25
-20
-15
-10
-5
0
5
0
30
60
90
120
150
180
210
240
270
300
330
2400M H z
2420M H z
2440M H z
2460M H z
2480M H z
2500M H z


Similar Part No. - WPC25A070150C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WPC25A070150C ETC2-WPC25A070150C Datasheet
416Kb / 9P
   2.4GHz Ceramic Patch Antenna on integral ground with cable and connector
More results

Similar Description - WPC25A070150C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WPC25A070150C ETC2-WPC25A070150C Datasheet
416Kb / 9P
   2.4GHz Ceramic Patch Antenna on integral ground with cable and connector
logo
Molex Electronics Ltd.
0479480001 MOLEX11-0479480001 Datasheet
202Kb / 3P
   2.4GHZ SMD ON GROUND ANTENNA CARRIER
0479480001 MOLEX11-0479480001_16 Datasheet
52Kb / 1P
   2.4GHz SMT On-ground MID Chip Antenna
logo
Pulse A Technitrol Comp...
W3211 PULSE-W3211 Datasheet
769Kb / 14P
   902 928MHz Ceramic On Ground Antenna
W3214 PULSE-W3214 Datasheet
820Kb / 14P
   868MHz On Ground Ceramic SMD Loop Antenna
logo
List of Unclassifed Man...
FXP72070053A ETC2-FXP72070053A Datasheet
393Kb / 12P
   FXP72 Freedom 2.4GHz Series Ground Coupled Antenna
logo
Pulse A Technitrol Comp...
W3008G PULSE-W3008G Datasheet
1Mb / 15P
   2.4GHz Ceramic Chip Antenna
logo
Taoglas antenna solutio...
SWLP2450124B02 TAOGLAS-SWLP2450124B02 Datasheet
1Mb / 18P
   12*12*4mm 2.4GHz SMD Patch Antenna
logo
List of Unclassifed Man...
SWLP2450124B02 ETC2-SWLP2450124B02 Datasheet
1Mb / 13P
   12mm*12mm*4mm 2.4GHz SMD Patch Antenna
logo
YAGEO Corporation
ANT2525B00FT1575S YAGEO-ANT2525B00FT1575S Datasheet
557Kb / 6P
   Ceramic Patch Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com